Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC823 Datasheet HTML 1Page - Motorola, Inc MPC823 Datasheet HTML 2Page - Motorola, Inc MPC823 Datasheet HTML 3Page - Motorola, Inc MPC823 Datasheet HTML 4Page - Motorola, Inc MPC823 Datasheet HTML 5Page - Motorola, Inc MPC823 Datasheet HTML 6Page - Motorola, Inc MPC823 Datasheet HTML 7Page - Motorola, Inc MPC823 Datasheet HTML 8Page - Motorola, Inc MPC823 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Communication Processor Module
16-380
MPC823 REFERENCE MANUAL
MOTOROLA
Each serial management controller supports the circuit interface and monitor channels of
the GCI bus. In which case, the serial management controller is connected to the TDM
channel in the serial interface. For testing purposes, the serial management controllers
support loopback and echo modes. The SMCx receiver and transmitter are double-buffered,
which provides an effective FIFO size (latency) of two characters. Refer to
Section 16.7 The Serial Interface with Time-Slot Assigner for details about configuring
the GCI interfaces.
The receive data source for the two serial management controller channels have different
pin options for each channel. SMC1 can either use the L1RXDA pin of the serial interface or
the SMRXD1 pin if it is connected to the NMSI. SMC2 can also use the L1RXDA pin of the
serial interface, but if you use the SMRXD2 pin the serial interface time-slot assigner
function is not available. Likewise, the transmit data source for SMC1 can be the L1TXDA
pin if a serial management controller is connected to the TDM or the SMTXD1 pin if it is
connected to the NMSI. SMC2 transmit data source can also be L1TXDA pin if the serial
management controller is connected to the TDM, but if you use the SMTXD2 pin, the serial
interface time-slot assigner function is not available.
If the serial management controllers are connected to the TDM, the SMCx receive and
transmit clocks can be independent from each other, as defined in the CRTA bit of the
SIMODE register. Refer to Section 16.7.5.2 Serial Interface Mode Register for more
information. However, if a serial management controller is connected to the NMSI, the SMCx
receive and transmit clocks must be connected to a single clock source called SMCLK,
which is an internal signal name for a clock that is generated from the bank of clocks.
SMCLK originates from an external pin or one of the two internal baud rate generators. Refer
to Section 16.7.8 Nonmultiplexed Serial Interface Configuration for more details.
Figure 16-113. Serial Management Controller Block Diagram
CONTROL
REGISTERS
U-BUS
RX DATA
REGISTER
TX DATA
REGISTER
SHIFTER
SHIFTER
CONTROL
LOGIC
PERIPHERAL BUS
TXDx
RXDx
SYNC
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com