Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 9Page - Motorola, Inc MPC823 Datasheet HTML 10Page - Motorola, Inc MPC823 Datasheet HTML 11Page - Motorola, Inc MPC823 Datasheet HTML 12Page - Motorola, Inc MPC823 Datasheet HTML 13Page - Motorola, Inc MPC823 Datasheet HTML 14Page - Motorola, Inc MPC823 Datasheet HTML 15Page - Motorola, Inc MPC823 Datasheet HTML 16Page - Motorola, Inc MPC823 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-391
When the buffer descriptor data is completely written to the transmit FIFO, the SMCx UART
controller writes the message status bits into the buffer descriptor and clears the R bit. An
interrupt is issued if the I bit in the buffer descriptor is set. If the next TX buffer descriptor is
ready, the data from its data buffer is appended to the previous data and transmitted out on
the transmit pin, without any gaps between the buffers. If the next TX buffer descriptor is not
ready, the SMCx UART controller starts transmitting idles and waits for the next TX buffer
descriptor to be ready.
By appropriately setting the I bit in each buffer descriptor, interrupts can be generated after
the transmission of each buffer, a specific buffer, or each block. The SMCx UART controller
then proceeds to the next buffer descriptor in the table. If the CM bit is set in the TX buffer
descriptor, the R bit is not cleared, allowing the associated data buffer to be automatically
retransmitted next time the communication processor module accesses this data buffer. For
instance, if a single TX buffer descriptor is initialized with the CM and W bits set, the data
buffer is continuously transmitted until you clear the R bit of the buffer descriptor.
16.11.6.3 SMCx UART CHANNEL RECEPTION PROCESS. When the core enables the
SMCx receiver in UART mode, it enters hunt mode and waits for the first character to arrive.
Once the first character arrives, the communication processor module checks the first
receive buffer descriptor to see if it is empty and then starts storing characters in the
associated data buffer.
When the data buffer is filled or the MAX_IDL timer expires (if it is enabled) the SMCx UART
controller clears the E bit in the buffer descriptor and generates an interrupt if the I bit in the
buffer descriptor is set. If the incoming data exceeds the length of the data buffer, the SMCx
UART controller fetches the next buffer descriptor in the table and, if it is empty, continues
transferring data to the associated data buffer. If the CM bit is set in the receive buffer
descriptor, the E bit is not cleared, which allows the associated data buffer to be
automatically overwritten next time the communication processor module accesses this
data buffer.
16.11.6.4 SMCx UART PARAMETER RAM MEMORY MAP. When a serial management
controller is configured to operate in UART mode, the SMCx UART controller overlays the
structure used in Table 16-36 with the parameters described in Table 16-37.
Table 16-37. SMCx UART Parameter RAM Memory Map
ADDRESS
NAME
WIDTH
DESCRIPTION
SMCx Base + 28
MAX_IDL
Half-word
Maximum Idle Characters
SMCx Base + 2A
IDLC
Half-word
Temporary Idle Counter
SMCx Base + 2C
BRKLN
Half-word
Last Received Break Length
SMCx Base + 2E
BRKEC
Half-word
Receive Break Condition Counter
SMCx Base +30
BRKCR
Half-word
Break Count Register (Transmit)
SMCx Base +32
R_MASK
Half-word
Temporary Bit Mask
NOTE:
You are only responsible for initializing the items in bold.
SMCx Base = (IMMR & 0xFFFF0000) + 0x3E80 (SMC1) and 0x3F80 (SMC2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com