Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 21 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 17Page - Motorola, Inc MPC823 Datasheet HTML 18Page - Motorola, Inc MPC823 Datasheet HTML 19Page - Motorola, Inc MPC823 Datasheet HTML 20Page - Motorola, Inc MPC823 Datasheet HTML 21Page - Motorola, Inc MPC823 Datasheet HTML 22Page - Motorola, Inc MPC823 Datasheet HTML 23Page - Motorola, Inc MPC823 Datasheet HTML 24Page - Motorola, Inc MPC823 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-399
Figure 16-116 illustrates an example of the RX buffer descriptor process. It shows the
resulting state of the RX buffer descriptors after they receive 10 characters, an idle period,
and five characters (one with a framing error). The example assumes that MRBLR = 8 in the
SMCx parameter RAM.
Figure 16-116. SMCx UART Receive Buffer Descriptor Example
MRBLR = 8 BYTES FOR THIS SMC
BUFFER
BYTE 1
BYTE 2
BYTE 8
ETC.
8 BYTES
LONG IDLE PERIOD
FOURTH CHARACTER
HAS FRAMING ERROR!
5 CHARS
10 CHARS
CHARACTERS
RECEIVED BY UART
TIME
BUFFER
BYTE 9
BYTE 10
8 BYTES
BUFFER
BYTE 1
BYTE 2
8 BYTES
BYTE 4 HAS
FRAMING ERROR
BUFFER
FULL
BYTE 3
BYTE 4 ERROR!
E
LENGTH
32-BIT BUFFER POINTER
RECEIVE BD 0
STATUS
0008
POINTER
0
E
LENGTH
32-BIT BUFFER POINTER
RECEIVE BD 1
STATUS
0002
POINTER
0
1
ID
0
ID
E
LENGTH
32-BIT BUFFER POINTER
RECEIVE BD 2
STATUS
0004
POINTER
0
ID
0
FR
1
E
LENGTH
32-BIT BUFFER POINTER
RECEIVE BD 3
STATUS
XXXX
POINTER
1
BUFFER
BYTE 5
8 BYTES
RECEPTION
STILL IN
PROGRESS
WITH THIS
BUFFER
PRESENT
TIME
IDLE TIMEOUT
OCCURRED
EMPTY
EMPTY
ADDITIONAL
BYTES WILL BE
STORED UNLESS IDLE
COUNT EXPIRES
(MAX_IDL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com