Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 24 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 24 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 20Page - Motorola, Inc MPC823 Datasheet HTML 21Page - Motorola, Inc MPC823 Datasheet HTML 22Page - Motorola, Inc MPC823 Datasheet HTML 23Page - Motorola, Inc MPC823 Datasheet HTML 24Page - Motorola, Inc MPC823 Datasheet HTML 25Page - Motorola, Inc MPC823 Datasheet HTML 26Page - Motorola, Inc MPC823 Datasheet HTML 27Page - Motorola, Inc MPC823 Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
Communication Processor Module
16-402
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.6.13 SMCx UART EVENT REGISTER. When a serial management controller is in
UART mode, the 8-bit memory-mapped SMCx event register is referred to as the SMCx
UART event (SMCE–UART) register. It is used to generate interrupts and report events
recognized by the SMCx UART channel. When an event is recognized, the SMCx UART
controller sets the corresponding bit in this register.
A bit is cleared by writing a 1 (writing a zero has no effect) and more than one bit can be
cleared at a time. All unmasked bits must be cleared before the communication processor
module clears the internal interrupt request. This register is cleared by reset and can be read
at any time. An example of the timing of various events in the SMCE–UART register is
illustrated in Figure 16-117.
Bit 0, 2, and 4—Reserved
These bits are reserved and must be set to 0.
BRKE—Break End
This bit indicates that an end of break sequence has been detected. It occurs after one idle
bit is received after a break sequence.
BRK—Break Character Received
This bit indicates that a break character has been received. If a very long break sequence
occurs, this interrupt only occurs once after the first all-zeros character is received.
BSY—Busy Condition
This bit indicates that a character has been received and discarded due to a lack of buffers.
It is be set in the middle of the last stop bit of the first receive character for which there is no
available buffer. Reception continues when an empty buffer is provided.
TX—TX Buffer
This bit indicates that a buffer has been transmitted over the SMCx UART channel. It is set
once the transmit data of the last character in the buffer is written to the transmit FIFO. You
must wait two character times to be sure that the data is completely sent over the transmit
pin.
SMCE –UART
BIT
0
1
2
3
4
5
6
7
FIELD
RESERVED
BRKE
RESERVED
BRK
RESERVED
BSY
TX
RX
RESET
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ADDR
(IMMR & 0xFFFF0000) + 0xA86 (SMC1), 0xA96 (SMC2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com