Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 67 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 67 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 63Page - Motorola, Inc MPC823 Datasheet HTML 64Page - Motorola, Inc MPC823 Datasheet HTML 65Page - Motorola, Inc MPC823 Datasheet HTML 66Page - Motorola, Inc MPC823 Datasheet HTML 67Page - Motorola, Inc MPC823 Datasheet HTML 68Page - Motorola, Inc MPC823 Datasheet HTML 69Page - Motorola, Inc MPC823 Datasheet HTML 70Page - Motorola, Inc MPC823 Datasheet HTML 71Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
Communication Processor Module
MOTOROLA
MPC823 REFERENCE MANUAL
16-445
W—Wrap (Final Buffer Descriptor in Table)
0 = This is not the last buffer descriptor in the RX buffer descriptor table.
1 = This is the last buffer descriptor in the RX buffer descriptor table. After this buffer
is used, the communication processor module receives incoming data into the first
buffer descriptor that RBASE points to in the table. The number of RX buffer
descriptors in this table is programmable and determined only by the W bit and
overall space constraints of the dual-port RAM.
I—Interrupt
0
No interrupt is generated after this buffer is filled.
1
The RXB bit in the SPIE register is set when this buffer is completely filled by the
communication processor module, indicating the need for the core to process the
buffer. The RXB bit can cause an interrupt if it is enabled.
CM—Continuous Mode
This bit is valid only when the serial peripheral interface is in master mode. In slave mode,
it must be written as a zero.
0 = Normal operation.
1 = The E bit is not cleared by the communication processor module after this buffer
descriptor is closed, thus allowing the associated data buffer to be automatically
overwritten next time the communication processor module accesses this buffer
descriptor. This allows continuous reception from an SPI slave into one buffer for
autoscanning of a serial A/D peripheral with no core overhead.
L—Last
This bit is set by the serial peripheral interface when the buffer is closed because the
SPISEL pin was negated. This only occurs when the serial peripheral interface is in slave
mode. Otherwise, the ME bit is set. The serial peripheral interface writes this bit after the
received data is placed into the associated data buffer.
0 = This buffer does not contain the last character of the message.
1 = This buffer contains the last character of the message.
OV—Overrun
This bit indicates that a receiver overrun has occurred during reception. This can only occur
when the serial peripheral interface is in slave mode. The serial peripheral interface writes
this bit after the received data is placed into the associated data buffer.
ME—Multimaster Error
This bit indicates that this buffer is closed because the SPISEL pin was asserted when the
serial peripheral interface was in master mode. This indicates a synchronization problem
between multiple masters on the SPI bus. The serial peripheral interface writes this bit after
the received data is placed into the associated data buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com