Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 16 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 12Page - Motorola, Inc MPC823 Datasheet HTML 13Page - Motorola, Inc MPC823 Datasheet HTML 14Page - Motorola, Inc MPC823 Datasheet HTML 15Page - Motorola, Inc MPC823 Datasheet HTML 16Page - Motorola, Inc MPC823 Datasheet HTML 17Page - Motorola, Inc MPC823 Datasheet HTML 18Page - Motorola, Inc MPC823 Datasheet HTML 19Page - Motorola, Inc MPC823 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
Communication Processor Module
16-394
MPC823 REFERENCE MANUAL
MOTOROLA
16.11.6.8 SENDING A PREAMBLE. A preamble sequence provides a convenient way for
you to ensure that the line is idle before you start a new message. The preamble sequence
is constructed of consecutive ones that are one character long. If the preamble bit in a buffer
descriptor is set, a serial management controller sends a preamble sequence before
transmitting that data buffer. For 8 data bits, no parity, 1 stop bit, and 1 start bit, a preamble
of 10 ones would be sent before the first character in the buffer. If no preamble sequence is
sent, data from two ready transmit buffers can be transmitted without causing a delay on the
transmit pin between the two transmit buffers.
16.11.6.9 SMCx UART CONTROLLER ERRORS. The SMCx UART controller reports
character reception error conditions via the channel buffer descriptors and the SMCx UART
event register. The SMCx UART controller has no transmission errors, which means you
cannot stop the transmission of characters in SMCx UART mode.
• Overrun Error—The SMCx UART controller maintains a two-character length FIFO for
receiving data. The data is moved to the buffer after the first character is received into
the FIFO and if a receiver FIFO overrun occurs, the channel writes the received
character into the internal FIFO. Then the channel writes the received character to the
buffer, closes it, sets the OV bit in the receive buffer descriptor, and generates a receive
interrupt if it is enabled. Reception then continues as normal.
• Parity Error—When this error occurs, the channel writes the received character to the
buffer, closes it, sets the PR bit in the buffer descriptor, and generates the receive
interrupt if it is enabled. Reception then continues as normal.
• Idle Sequence Receive Error—An idle is detected when one character consisting of all
ones is received. Once an idle is received, the channel counts the number of
consecutive idle characters. If the count reaches the MAX_IDL value, the buffer is
closed, and an receive interrupt is generated. If no receive buffer is open, this event
does not generate an interrupt or any status information. The idle counter is reset every
time a character is received.
• Framing Error—The SMCx UART controller receives this error when it receives a
character with no stop bit. When this error occurs, the channel writes the received
character to the buffer, closes the buffer, sets the FR bit in the buffer descriptor, and
generates the receive interrupt if it is enabled. When this error occurs, parity is not
checked for the character.
• Break Sequence Error—This error occurs when the SMCx UART receiver receives an
all-zero character with a framing error. When it occurs, the channel increments the
BRKEC entry and generates a maskable BRK interrupt in the SMCE–UART register.
The channel also measures the length of the break sequence and stores this value in
the BRKLN counter. If the channel was in the middle of buffer processing when the
break was received, the buffer is closed with the BR bit in the receive buffer descriptor
set and the receive interrupt is generated if it is enabled.
Note: The SMCx UART controller may occasionally get an overrun error when the line
is idle, in which case, ignore the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com