Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 64 Page - Motorola, Inc

Part # MPC823
Description  Communication Processor Module
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC823 Datasheet(HTML) 64 Page - Motorola, Inc

Back Button MPC823 Datasheet HTML 60Page - Motorola, Inc MPC823 Datasheet HTML 61Page - Motorola, Inc MPC823 Datasheet HTML 62Page - Motorola, Inc MPC823 Datasheet HTML 63Page - Motorola, Inc MPC823 Datasheet HTML 64Page - Motorola, Inc MPC823 Datasheet HTML 65Page - Motorola, Inc MPC823 Datasheet HTML 66Page - Motorola, Inc MPC823 Datasheet HTML 67Page - Motorola, Inc MPC823 Datasheet HTML 68Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
Communication Processor Module
16-442
MPC823 REFERENCE MANUAL
MOTOROLA
PM—Prescale Modulus Select
This field specifies the divide ratio of the prescale divider in the SPI clock generator. The
BRGCLK is divided by 4 * ([PM0–PM3] + 1), thus giving a clock divide ratio of 4 to 64. The
clock has a 50% duty cycle.
16.12.4.1.1 SPI Examples With Different LEN Values. The programming examples
below illustrate the effect of the LEN field and the REV bit in the SPMODE register on output
from the SPI controller. They illustrate the master mode output from the SPI controller as the
LEN varies. To help map the output process, make
g through v the binary symbols, use x to
indicate a deleted bit, use __ to indicate original byte boundaries, and use _ to indicate
original nibble (4-bit) boundaries.
The initial pattern for all examples is ghij_klmn__opqr_stuv.
Example 1
LEN = 0x4
(Data Size = 5)
Data Selected:
xxxj_klmn_xxxr_stuv
Data Transmitted for REV=0:
nmlk_j__vuts_r
Data Transmitted for REV=1:
j_nmlk__r_stuv
Example 2
LEN = 0x7
(Data Size = 8)
Data Selected:
ghij_klmn_opqr_stuv
Data Transmitted for REV=0:
nmlk_jihg__vuts_rqpo
Data Transmitted for REV=1:
ghij_klmn__opqr_stuv
Example 3
LEN = 0xc
(Data Size = 13)
Data Selected:
ghij_klmn_xxxr_stuv
Data Transmitted for REV=0:
nmlk_jihg__vuts_r
Data Transmitted for REV=1:
r_stuv__ghij_klmn
Example 4
LEN = 0xf
(Data Size = 16)
Data Selected:
ghij_klmn_opqr_stuv
Data Transmitted for REV=0:
nmlk_jihg__vuts_rqpo
Data Transmitted for REV=1:
opqr_stuv__ghij_klmn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com