Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 29 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 29 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 25Page - Analog Devices HMC832LP6GETR Datasheet HTML 26Page - Analog Devices HMC832LP6GETR Datasheet HTML 27Page - Analog Devices HMC832LP6GETR Datasheet HTML 28Page - Analog Devices HMC832LP6GETR Datasheet HTML 29Page - Analog Devices HMC832LP6GETR Datasheet HTML 30Page - Analog Devices HMC832LP6GETR Datasheet HTML 31Page - Analog Devices HMC832LP6GETR Datasheet HTML 32Page - Analog Devices HMC832LP6GETR Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
HMC832
Data Sheet
To switch between various equally spaced intervals (channels)
only the fractional register (Register 0x04) needs to be
programmed to the desired VCO channel frequency (fVCOk) in
the following manner:
Register 0x04 =


−
=
PD
N
VCOk
FRAC
f
f
f
ceil
N
)
(
2
24
where fN = floor(fVCO1/fPD), and fVCO1, as shown in Figure 46,
represents the smallest channel VCO frequency that is greater
than fN.
Example: to configure the HMC832 for the exact frequency
mode for equally spaced intervals of 100 kHz, where the first
channel (Channel 1) = fVCO1 = 2800.200 MHz and the PD rate
(fPD) = 61.44 MHz, proceed as follows:
1. Check that the exact frequency mode for this fVCO1 =
2800.2 MHz (Channel 1) and fVCO2 = 2800.2 MHz +
100 kHz = 2800.3 MHz (Channel 2) is possible.
≥
=
≥
=
14
14
1
2
)
,
(
2
)
,
(
PD
GCD2
PD
VCO2
GCD2
PD
GCD1
PD
VCO
GCD1
f
f
and
f
f
GCD
f
and
f
f
and
f
f
GCD
f
(17)
3750
2
10
44
.
61
10
120
)
10
44
.
61
,
10
2
.
2800
(
14
6
3
6
6
=
×
>
×
=
×
×
= GCD
fGCD1
3750
2
10
44
.
61
10
20
)
10
44
.
61
,
10
3
.
2800
(
14
6
3
6
6
=
×
>
×
=
×
×
= GCD
fGCD2
2. If Equation 16 is satisfied for at least two of the equally
spaced interval (channel) frequencies fVCO1, fVCO2, fVCO3, ...
fVCON, as it is in Equation 17, HMC832 exact frequency
channel mode is possible for all desired channel
frequencies, and can be configured as follows:
Register 0x03 =
x2D
0
d
45
10
44
.
61
10
2
.
2800
6
6
=
=


×
×
=


floor
f
f
floor
PD
VCO1
Register 0x0C =
0xC00
d
3072
20000
10
44
.
61
)
10
44
.
61
,
10
100
(
10
44
.
61
)
),
((
6
6
3
6
1
=
=
×
=
×
×
×
=
−
+
GCD
f
f
f
GCD
f
PD
VCOk
VCOk
PD
where (fVCOk+1 − fVCOk) is the desired channel spacing
(100 kHz in this example).
3. To program Register 0x04, the closest integer-N boundary
frequency, fN, that is less than the smallest channel VCO
frequency, fVCO1, must be calculated (fN = floor(fVCO1/fPD)).
Using the current example:
MHz
8
.
2764
10
44
.
61
45
10
44
.
61
10
2
.
2800
6
6
6
=
×
×
=


×
×
×
=
floor
f
f
PD
N
Then, for Channel 1,
Register 0x04 = ceil


−
PD
N
VCO1
f
f
f
)
(
224
,
where fVCO1 = 2800.2 MHz.
938000
x
0
d
9666560
10
44
.
61
)
10
8
.
2764
10
2
.
2800
(
2
6
6
6
24
=
=


×
×
−
×
= ceil
4. To change from Channel 1 (fVCO1 = 2800.2 MHz) to
Channel 2 (fVCO2 = 2800.3 MHz), only Register 0x04 needs
to be programmed, as long as all of the desired exact
frequencies, fVCOk (Figure 46), fall between the same
integer-N boundaries (fN < fVCOk < fN+ 1). In that case,
Register 0x04 =
.
on
so
and
,
EAAB
93
x
0
d
9693867
10
44
.
61
)
10
8
.
2764
10
3
.
2800
(
2
6
6
6
24
=
=


×
×
−
×
ceil
Seed Register
The start phase of the fractional modulator digital phase
accumulator (DPA) can be set to one of four possible default
values via the seed register, Register 0x06[1:0]. The HMC832
automatically reloads the start phase (seed value) into the DPA
every time a new fractional frequency is selected. Certain zero
or binary seed values may cause spurious energy correlation at
specific frequencies. For most cases a random (not zero and not
binary) start seed is recommended (Register 0x06[1:0] = 2).
SOFT RESET AND POWER-ON RESET
The HMC832 features a hardware power-on reset (POR). All
chip registers are reset to default states approximately 250 μs
after power up.
The PLL subsystem SPI registers can also be soft reset by an SPI
write to Register 0x00. Note that the soft reset does not clear the
SPI mode of operation referred to in the Serial Port section.
Note that the VCO subsystem is not affected by the PLL soft
reset; the VCO subsystem registers can only be reset by
removing the power supply.
If external power supplies or regulators have rise times slower
than 250 μs, then it is advised to write to the SPI reset register
(Register 0x00[5] = 1) immediately after power up, before any
other SPI activity. This write procedure ensures starting from a
known state.
Rev. A | Page 28 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com