Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 20 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 16Page - Analog Devices HMC832LP6GETR Datasheet HTML 17Page - Analog Devices HMC832LP6GETR Datasheet HTML 18Page - Analog Devices HMC832LP6GETR Datasheet HTML 19Page - Analog Devices HMC832LP6GETR Datasheet HTML 20Page - Analog Devices HMC832LP6GETR Datasheet HTML 21Page - Analog Devices HMC832LP6GETR Datasheet HTML 22Page - Analog Devices HMC832LP6GETR Datasheet HTML 23Page - Analog Devices HMC832LP6GETR Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Data Sheet
HMC832
Control Value Register 0x0A[2:0]
n
2n
tMMT (µs)
tCAL (µs)
fERR Maximum
5
6
64
1.28
12.48
±390 kHz
6
7
128
2.56
20.16
± 95 kHz
7
8
256
5.12
35.52
±98 kHz
VCO Autocalibration Example
The VCO subsystem must satisfy the maximum fPD limited by
the two following conditions:
N ≥ 16 (fINT), N ≥ 20.0 (fFRAC)
where N = fVCO/ fPD.
fPD ≤ 100 MHz
For example, if the VCO subsystem output frequency is to
operate at 2.01 GHz and the crystal frequency is fXTAL = 50 MHz,
R = 1, and m = 0 (see Figure 42), then tFSM = 20 ns (50 MHz).
Note that when using autocalibration, the maximum autocali-
bration finite state machine (FSM) clock cannot exceed 50 MHz
(see Register 0x0A[14:13]). The FSM clock does not affect the
accuracy of the measurement, it only affects the time to produce
the result. This same clock is used to clock the 16-bit VCO
serial port.
If time to change frequencies is not a concern, then the
calibration time for maximum accuracy can be set, and
therefore, the measurement resolution is of no concern.
Using an input crystal of 50 MHz (R = 1 and fPD = 50 MHz) the
times and accuracies for calibration using Equation 6 and
Equation 8 are listed in Table 7, where minimal tuning time is
1/8th of the VCO band spacing.
Across all VCOs, a measurement resolution better than 800 kHz
produces correct results. Setting m = 0 and n = 5, provides
781 kHz of resolution and adds 8.6 μs of autocalibration time to
a normal frequency hop. After the autocalibration sets the final
switch value, 8.64 μs after the frequency change command, the
fractional register is loaded, and the loop locks with a normal
transient predicted by the loop dynamics. Therefore, as shown
in this example, autocalibration typically adds about 8.6 μs to
the normal time to achieve frequency lock. Use autocalibration
for all but the most extreme frequency hopping requirements.
Manual VCO Calibration for Fast Frequency Hopping
When switching frequencies quickly is needed, it is possible to
eliminate the autocalibration time by calibrating the VCO in
advance and storing the switch number vs. frequency infor-
mation in the host. This is accomplished by initially locking the
HMC832 on each desired frequency using autocalibration, then
reading and storing the selected VCO switch settings. The VCO
switch settings are available in Register 0x10[7:0] after every
autocalibration operation. The host must then program the
VCO switch settings directly when changing frequencies.
Manual writes to the VCO switches are executed immediately as
are writes to the integer and fractional registers when
autocalibration is disabled. Therefore, frequency changes with
manual control and autocalibration disabled requires a
minimum of two serial port transfers to the PLL, once to set the
VCO switches and once to set the PLL frequency.
When autocalibration is disabled, Register 0x0A[11] = 1, the
VCO updates its registers immediately with the value written
via Register 0x05. The VCO internal transfer requires 16 VSCK
clock cycles after the completion of a write to Register 0x05.
VSCK and the autocalibration controller clock are equal to the
input reference divided by 0, 4, 16, or 32 as controlled by
Register 0x0A[14:13].
Registers Required for Frequency Changes in Fractional
Mode
In fractional mode (Register 0x06[11] = 1), a large change of
frequency may require main serial port writes to one of the
three following registers
•
The integer register, INTG, Register 0x03. This is required
only if the integer part changes.
•
The VCO SPI register, Register 0x05. This is required only
for manual control of VCO if Register 0x0A[11] = 1,
autocalibration is disabled, or to change the VCO output
divider value (VCO_REG 0x02), see Figure 39 for more
information.
•
The fractional register, Register 0x04. The fractional register
write triggers autocalibration when Register 0x0A[11] = 0,
and it is loaded into the modulator automatically after the
autocalibration runs. If autocalibration is disabled, Regis-
ter 0x0A[11] = 1, the fractional frequency change is loaded
immediately into the modulator when the register is
written with no adjustment to the VCO.
Small steps in frequency in fractional mode, with autocalibration
enabled (Register 0x0A[11] = 0), usually require only a single
write to the fractional register. In a worst-case scenario, three
main serial port transfers to the HMC832 could be required to
change frequencies in fractional mode. If the frequency step is
small and the integer part of the frequency does not change,
then the integer register is not changed. In all cases, in frac-
tional mode, it is necessary to write to the fractional register,
Register 0x04, for frequency changes.
Rev. A | Page 19 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com