Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 45 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 45 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 41Page - Analog Devices HMC832LP6GETR Datasheet HTML 42Page - Analog Devices HMC832LP6GETR Datasheet HTML 43Page - Analog Devices HMC832LP6GETR Datasheet HTML 44Page - Analog Devices HMC832LP6GETR Datasheet HTML 45Page - Analog Devices HMC832LP6GETR Datasheet HTML 46Page - Analog Devices HMC832LP6GETR Datasheet HTML 47Page - Analog Devices HMC832LP6GETR Datasheet HTML 48Page - Analog Devices HMC832LP6GETR Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
HMC832
Data Sheet
VCO OUTPUT DIVIDER REGISTER
This is a write only register. Note that to write 0_1111_1110 into
VCO_REG 0x02 VCO subsystem (VCO_ID = 000b), and set
the VCO output divider to divide by 62, the following needs to
be written to Register 0x05 = 0_1111_1110, 0010, 000 b.
Register 0x05[2:0] = 000; Subsystem ID 0
Register 0x05[6:3] = 0010; VCO Register Address 2d.
Register 0x05[16:7] = 0_1111_1110; divide by 62, maximum
output RF gain.
Table 33. VCO_REG 0x02 VCO Output Divider
Bit
Type
Name
Width
Default
Description
5:0
W
RF divide ratio
6
1
0: mutes the output when VCO_REG 0x03[8:7] = 0d
1: fo
2: fo/2
3: invalid, defaults to 2
4: fo/4
5: invalid, defaults to 4
6: fo/6
…
60: fo/60
61: invalid, defaults to 60
62: fo/62 > 62 invalid, defaults to 62
8:6
W
Reserved
3
0
Reserved
VCO CONFIGURATION REGISTER
The VCO configuration register is a write only register.
Table 34. VCO_REG 0x03 Configuration
Bit
Type
Name
Width
Default
Description
1:0
W
Programmable
performance mode
2
2
Selects output noise floor performance level at a cost of increased
current consumption.
01: low current consumption mode.
11: high performance mode.
Other states (00 and 10) not supported.
2
W
RF_N output enable
1
0
Enables the output on RF_N pin. Required for differential operation, or
single-ended output on the RF_N pin.
3
W
RF_P output enable
1
0
Enables the output on RF_P pin. Required for differential operation, or
single-ended output on the RF_P pin.
4
W
Reserved
1
1
Reserved.
5
W
Return loss
1
0
0: return loss = −5 dB typical (highest output power).
1: return loss = −10 dB typical.
6
W
Reserved
1
0
Reserved.
8:7
W
Mute mode
2
1
Defines when the mute function is enabled (the output is muted), see
the VCO Output Mute Function section, and Figure 35 for more
information.
00: enables mute when the divide ratio, VCO_REG 0x02[5:0] = 0. This
enables the HMC832 to be backwards compatible to the HMC830 mute
function.
01: during VCO calibration (see the VCO Calibration section for more
details).
10: not supported.
11: mute all RF outputs (unconditional).
Rev. A | Page 44 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com