Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 23 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 19Page - Analog Devices HMC832LP6GETR Datasheet HTML 20Page - Analog Devices HMC832LP6GETR Datasheet HTML 21Page - Analog Devices HMC832LP6GETR Datasheet HTML 22Page - Analog Devices HMC832LP6GETR Datasheet HTML 23Page - Analog Devices HMC832LP6GETR Datasheet HTML 24Page - Analog Devices HMC832LP6GETR Datasheet HTML 25Page - Analog Devices HMC832LP6GETR Datasheet HTML 26Page - Analog Devices HMC832LP6GETR Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
HMC832
Data Sheet
Charge Pump Phase Offset
In integer mode, the phase detector operates with zero offset.
The divided reference signal and the divided VCO signal arrive
at the phase detector inputs at the same time. Integer mode
does not require any CP offset current. When operating in
integer mode, disable CP offset in both directions (up and
down) by writing Register 0x09[22:21] = 00b, and set the CP
offset magnitude to zero by writing Register 0x09[20:14] = 0.
In fractional mode, CP linearity is of paramount importance.
Any nonlinearity degrades phase noise and spurious perfor-
mance. These nonlinearities are eliminated by operating the PD
with an average phase offset, either positive or negative (either
the reference or the VCO edge always arrives first at the PD,
that is, leads).
A programmable CP offset current source is used to add dc
current to the loop filter and to create the desired phase offset.
Positive current causes the VCO to lead, negative current causes
the reference to lead.
The CP offset is controlled via Register 0x09. The phase offset is
scaled from 0° to 360°, where they arrive a full cycle late.
The specific level of charge pump offset current (Register 0x09,
Bits[20:14]) is provided in Equation 9 and plotted in Figure 44.
Required CP Offset =
min [(4.3 × 10−9 × fPD × ICP), 0.25 × ICP]
(9)
where:
fPD is the comparison frequency of the phase detector (Hz).
ICP is the full-scale current setting (A) of the switching charge
pump (set in Register 0x09[6:0] and Register 0x09[13:7]).
Figure 44. Recommended CP Offset Current vs. PD Frequency for Typical CP
Gain Currents, Calculated Using Equation 9
Do not allow the required CP offset current to exceed 25% of
the programmed CP current. It is recommended to enable the
up offset and disable the down offset by writing Register 0x09,
Bits[22:21] = 01b.
Operation with CP offset influences the required configuration
of the lock detect function. See the description of the lock
detect function in the Lock Detect section.
Phase Detector Functions
Register 0x0B, the phase detector register, allows manual access
to control special phase detector features.
Setting Register 0x0B[5] = 0 masks the PD up output, which
prevents the charge pump from pumping up.
Setting Register 0x0B[6] = 0, masks the PD down output, which
prevents the charge pump from pumping down.
Clearing both Register 0x0B[5] and Register 0x0B[6] tristates
the charge pump while leaving all other functions operating
internally.
PD force up (Register 0x0B[9] = 1) and PD force down
(Register 0x0B[10] = 1) allows the charge pump to be forced up
or down, respectively. This forces the VCO to the ends of the
tuning range, which is useful in testing the VCO.
Reference Input Stage
Figure 45. Reference Path Input Stage
The reference buffer provides the path from an external
reference source (generally crystal-based) to the R divider, and
eventually to the phase detector. The buffer has two modes of
operation controlled by Register 0x08[21]. High gain (Regis-
ter 0x08[21] = 0) is recommended below 200 MHz, and high
frequency (Register 0x08[21] = 1) for 200 MHz to 350 MHz
operation. The buffer is internally dc biased with 100 Ω internal
termination. For a 50 Ω match, add an external 100 Ω resistor
to ground followed by an ac coupling capacitor (impedance less
than 1 Ω).
At low frequencies, a relatively square reference is recommended to
maintain a high input slew rate. At higher frequencies, use a
square or sinusoid.
Table 8 shows the recommended operating regions for different
reference frequencies. If operating outside these regions, the
device usually still operates, but with degraded reference path
phase noise performance.
When operating at 50 MHz, the input referred phase noise of
the PLL is between −148 dBc/Hz and −150 dBc/Hz at a 10 kHz
offset, depending upon the mode of operation. To avoid degra-
dation of the PLL noise contribution, the input reference signal
should be 10 dB better than this floor. Note that such low levels
are only necessary if the PLL is the dominant noise contributor
and these levels are required for the system goals.
0
100
200
300
400
500
600
700
0
20
40
60
80
100
PHASE DETECTOR FREQUENCY (MHz)
CP CURRENT = 2.5mA
CP CURRENT = 2mA
CP CURRENT = 1mA
XREFP
80Ω
Vb
20Ω
AC COUPLE
100Ω
RVDD
Rev. A | Page 22 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com