Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 18 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 18 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 14Page - Analog Devices HMC832LP6GETR Datasheet HTML 15Page - Analog Devices HMC832LP6GETR Datasheet HTML 16Page - Analog Devices HMC832LP6GETR Datasheet HTML 17Page - Analog Devices HMC832LP6GETR Datasheet HTML 18Page - Analog Devices HMC832LP6GETR Datasheet HTML 19Page - Analog Devices HMC832LP6GETR Datasheet HTML 20Page - Analog Devices HMC832LP6GETR Datasheet HTML 21Page - Analog Devices HMC832LP6GETR Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Data Sheet
HMC832
Figure 40. Typical VCO Tuning Voltage After Calibration
The calibration is normally run automatically, once for every
change of frequency. This ensures optimum selection of VCO
switch settings vs. time and temperature. The user does not
normally need to be concerned about which switch setting is
used for a given frequency because this is handled by the
autocalibration routine.
The accuracy required in the calibration affects the amount of
time required to tune the VCO. The calibration routine searches
for the best step setting that locks the VCO at the current
programmed frequency and ensures that the VCO stays locked
and performs well over its full temperature range without
additional calibration, regardless of the temperature at which
the VCO was calibrated.
Autocalibration can also be disabled, thereby allowing manual
VCO tuning. Refer to the Manual VCO Calibration for Fast
Frequency Hopping section for a description of manual tuning.
Figure 41. Simplified Step Tuned VCO
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1330
1520
1900
2090
3040
2850
2660
2470
2280
1710
VCO FREQUENCY (MHz)
CALIBRATED AT +85°C, MEASURED AT +85°C
CALIBRATED AT +85°C, MEASURED AT –40°C
CALIBRATED AT –40°C, MEASURED AT –40°C
CALIBRATED AT –40°C, MEASURED AT +85°C
CALIBRATED AT +27°C, MEASURED AT +27°C
fMIN
fMAX
HOST
SCK
SYNTHESIZER
SDI
CP
VCO
RFOUT
VCO
SUB-BAND
SELECT
VCO
VSPI
LOOP
FILTER
VCOIP
VTUNE
DTUNE
VSCK
VSDO
VSLE
SEN
Rev. A | Page 17 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com