Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 26 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 22Page - Analog Devices HMC832LP6GETR Datasheet HTML 23Page - Analog Devices HMC832LP6GETR Datasheet HTML 24Page - Analog Devices HMC832LP6GETR Datasheet HTML 25Page - Analog Devices HMC832LP6GETR Datasheet HTML 26Page - Analog Devices HMC832LP6GETR Datasheet HTML 27Page - Analog Devices HMC832LP6GETR Datasheet HTML 28Page - Analog Devices HMC832LP6GETR Datasheet HTML 29Page - Analog Devices HMC832LP6GETR Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Data Sheet
HMC832
Integer Frequency Tuning
In integer mode the digital Δ-Σ modulator is shut off and the N
divider (Register 0x03) may be programmed to any integer
value in the range of 16 to 219 − 1. To run in integer mode,
configure Register 0x06 (as described in the Integer Mode
section), then program the integer portion of the frequency as
explained by Equation 12, ignoring the fractional part.
1. Disable the fractional modulator, Register 0x06[11] = 0
2. Bypass the Δ-Σ modulator Register 0x06[7] = 1
3. To tune to frequencies (<1500 MHz), select the appropriate
output divider value VCO_REG 0x02[5:0].
Writing to VCO subsystem registers (VCO_REG 0x02[5:0] and
VCO_REG 0x03[0] in this case) is accomplished indirectly through
PLL Register 5 (Register 0x05). More information on communi-
cating with the VCO subsystem through PLL Register 0x05 is
available in the VCO Serial Port Interface (VSPI) section.
Fractional Mode
The HMC832 is placed in fractional mode by setting the
following registers:
•
Enable the fractional modulator, Register 0x06[11] = 1.
•
Connect the Δ-Σ modulator in circuit, Register 0x06[7] = 0.
Fractional Frequency Tuning
This is a generic example, with the goal of explaining how to
program the output frequency. Actual variables are dependant
upon the reference in use.
The HMC832 in fractional mode can achieve frequencies at
fractional multiples of the reference. The frequency of the
HMC832, fVCO, is given by
FRAC
INT
FRAC
INT
XTAL
VCO
f
f
N
N
R
f
f
+
=
+
=
)
(
(12)
fOUT = fVCO/k
(13)
where:
fOUT is the output frequency after any potential dividers.
k is 1 for fundamental, or k = 2, 4, 6, … 58, 60, 62 depending on
the selected output divider value (Register 0x05[5:0] indirectly
to VCO_REG 0x02[5:0]).
NINT is the integer division ratio, Register 0x03, an integer
number between 20 and 524,284.
NFRAC is the fractional part, from 0.0 to 0.99999..., NFRAC =
Register 0x04/224.
R is the reference path division ratio, Register 0x02.
fXTAL is the frequency of the reference oscillator input.
fPD is the PD operating frequency, fXTAL/R.
For example:
fOUT = 1402.5 MHz
k = 2
fvco = 2,805 MHz
fXTAL = 50 MHz
R = 1
fPD = 50 MHz
NINT = 56
NFRAC = 0.1
Register 0x04 = round(0.1 × 224) = round(1,677,721.6) =
1,677,722.
error
z
fVCO
Hz
192
.
1
MH
2805
2
1677722
56
1
10
50
24
6
+
=
 +
×
(14)
error
f
f
VCO
OUT
Hz
596
.
0
MHz
5
.
1402
2
+
=
=
(15)
In this example, the output frequency of 1402.5 MHz is achieved by
programming the 19-bit binary value of 56d = 0x38 into the
INTG_REG bit in Register 0x03, and the 24-bit binary value of
1677722d = 0x19999A into the FRAC bit in Register 0x04. The
0.596 Hz quantization error can be eliminated using the exact
frequency mode, if required. In this example, the output
fundamental is divided by 2. Specific control of the output
divider is required. See the VCO Subsystem Register Map
section and description for details.
Exact Frequency Tuning
Due to quantization effects, the absolute frequency precision of
a fractional PLL is normally limited by the number of bits in the
fractional modulator. For example, a 24-bit fractional modulator
has frequency resolution set by the phase detector (PD) compari-
son rate divided by 224. The value 224 in the denominator is
sometimes referred to as the modulus. Analog Devices PLLs use
a fixed modulus, which is a binary number. In some types of
fractional PLLs the modulus is variable, allowing exact frequency
steps to be achieved with decimal step sizes. Unfortunately,
small steps using small modulus values result in large spurious
outputs at multiples of the modulus period (channel step size).
For this reason, Analog Devices PLLs use a large fixed modulus.
Normally, the step size is set by the size of the fixed modulus. In
the case of a 50 MHz PD rate, a modulus of 224 would result in a
2.98 Hz step resolution, or 0.0596 ppm. In some applications it is
necessary to have exact frequency steps, and even an error of
3 Hz cannot be tolerated.
Fractional PLLs are able to generate exact frequencies (with
zero frequency error) if N can be exactly represented in binary
(for example, N = 50.0, 50.5, 50.25, 50.75, and so forth). Note
that, some common frequencies cannot be exactly represented.
For example, NFRAC = 0.1 = 1/10 must be approximated as
round((0.1 x 224)/224 ) ≈ 0.100000024. At fPD = 50 MHz, this
Rev. A | Page 25 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com