Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 30 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 30 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 26Page - Analog Devices HMC832LP6GETR Datasheet HTML 27Page - Analog Devices HMC832LP6GETR Datasheet HTML 28Page - Analog Devices HMC832LP6GETR Datasheet HTML 29Page - Analog Devices HMC832LP6GETR Datasheet HTML 30Page - Analog Devices HMC832LP6GETR Datasheet HTML 31Page - Analog Devices HMC832LP6GETR Datasheet HTML 32Page - Analog Devices HMC832LP6GETR Datasheet HTML 33Page - Analog Devices HMC832LP6GETR Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Data Sheet
HMC832
Rev. A | Page 29 of 48
POWER-DOWN MODE
Note that the VCO subsystem is not affected by the CEN or soft
reset. Therefore, device power-down is a two step process.
1.
Power down the VCO by writing 0 to VCO Register 1 via
Register 0x05 .
2.
Power-down the PLL by pulling the CEN pin (Pin 17) low
(assuming there are no SPI overrides (Register 0x01[0] = 1)).
Pulling the CEN pin low disables all analog functions and
internal clocks. Current consumption typically drops below
10 μA in the power-down state. The serial port still
responds to normal communication in power-down mode.
It is possible to ignore the CEN pin by setting Register 0x01[0]
= 0. Control of the power-down mode then comes from the
serial port register, Register 0x01[1].
It is also possible to leave various blocks turned on when in
power-down (see Register 0x01), as listed in Table 10.
Table 10. Bit and Block Assignments for Register 0x01
Bit Assignment
Block Assignment
Bit 2
Internal bias reference sources
Bit 3
PD block
Bit 4
CP block
Bit 5
Reference path buffer
Bit 6
VCO path buffer
Bit 7
Digital I/O test pads
To mute the output but leave the PLL and VCO locked, see the
VCO Output Mute Function section.
GENERAL-PURPOSE OUTPUT (GPO) PIN
The PLL shares the LD_SDO (lock detect/serial data output)
pin to perform various functions. Although the pin is most
commonly used to read back registers from the chip via the SPI,
it is also capable of exporting a variety of signals and real-time
test waveforms (including lock detect). It is driven by a tristate
CMOS driver with ~200 Ω ROUT. It has logic associated with it
to dynamically select whether the driver is enabled, and to
decide which data to export from the chip.
In its default configuration, after power-on reset, the output
driver is disabled, and only drives during appropriately
addressed SPI reads. This allows it to share the output with
other devices on the same bus.
The pin driver is enabled if the chip is addressed; that is, the last
three bits of SPI cycle = 000b before the rising edge of SEN. If
SEN rises before SCK has clocked in an invalid (non zero) chip
address, the HMC832 starts to drive the bus.
To monitor any of the GPO signals, including lock detect, set
Register 0x0F[7] = 1 to keep the SDO driver always on. This
stops the LDO driver from tristating and means that the SDO
line cannot be shared with other devices.
The HMC832 naturally switches away from the GPO data and
exports the SDO during an SPI read. To prevent this automatic
data selection, and always select the GPO signal, set Bit 6 of
Register 0x0F to 1 to prevent automux of the SDO. The phase
noise performance at this output is poor and uncharacterized.
Also, the GPO output should not be toggling during normal
operation because it may degrade the spectral performance.
Note that there are additional controls available, which may be
helpful when sharing the bus with other devices.
To disable the driver completely, set Register 0x08[5] = 0 (it
takes precedence over all else).
To disable either the pull-up or pull-down sections of the
driver, Register 0x0F[8] = 1 or Register 0x0F[9] = 1,
respectively.
Example scenarios are listed in Table 11. The signals that are
available on the GPO are selected by changing the GPO Select
Register 0x0F[4:0].
Table 11. Driver Scenarios
Scenario
Action
Drive SDO During Reads, Tristate
Otherwise (Allow Bus Sharing)
None required
Drive SDO During Reads, Lock
Detect Otherwise
Set GPO Select Register 0x0F[4:0]
= 00001b (default)
Set Register 0x0F[7] = 1, prevent
GPO driver disable
Always Drive Lock Detect
Set Register 0x0F[6] = 1, prevent
automux of SDO
Set the GPO Select
Register 0x0F[4:0] = 00001
(default)
Set Register 0x0F[7] = 1, prevent
GPO driver disable
CHIP IDENTIFICATION
PLL subsystem version information may be read by reading the
content of read only register, chip_ID in Register 0x00. It is not
possible to read the VCO subsystem version.
SERIAL PORT
The SPI protocol has the following general features:
3-bit chip address, can address up to eight devices
connected to the serial bus.
Wide compatibility with multiple protocols from multiple
vendors.
Simultaneous write/read during the SPI cycle.
5-bit address space.
3-wire for write only capability, 4-wire for read/write
capability.
Typical serial port operation can be run with SCLK at speeds up
to 50 MHz.
Serial Port Initialization at Power-Up
At power-up, it is required that both SEN and SCK lines are
initially held low, and that the first rising edge occurs on the
SCK line before any rising edges occur on the SEN line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com