Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 5 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 5 Page - Analog Devices

  HMC832LP6GETR Datasheet HTML 1Page - Analog Devices HMC832LP6GETR Datasheet HTML 2Page - Analog Devices HMC832LP6GETR Datasheet HTML 3Page - Analog Devices HMC832LP6GETR Datasheet HTML 4Page - Analog Devices HMC832LP6GETR Datasheet HTML 5Page - Analog Devices HMC832LP6GETR Datasheet HTML 6Page - Analog Devices HMC832LP6GETR Datasheet HTML 7Page - Analog Devices HMC832LP6GETR Datasheet HTML 8Page - Analog Devices HMC832LP6GETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
HMC832
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY CURRENTS
High Performance Mode
2500 MHz, Gain 11
219
mA
800 MHz, Gain 11
230
mA
2500 MHz, Gain 6
226
mA
800 MHz, Gain 6
237
mA
2500 MHz, Gain 1
210
mA
800 MHz, Gain 1
221
mA
Low Current Mode
2500 MHz, Gain 6
195
mA
800 MHz, Gain 6
205
mA
2500 MHz, Gain 1
180
mA
800 MHz, Gain 1
VCO_REG 0x03[1:0] = 3d4
Gain 11 (VCO_REG 0x07[3:0] = 11d) single-ended
output (VCO_REG 0x03[3:2] = 2d)
Single-ended output
Gain 6 (VCO_REG 0x07[3:0] = 6d) differential output
(VCO_REG 0x03[3:2] = 3d)
Differential output
Gain 1 (VCO_REG 0x07[3:0] = 1d) differential output
(VCO_REG 0x03[3:2] = 3d)
Differential output
VCO_REG 0x03[1:0] = 1d4
Gain 6 (VCO_REG 0x07[3:0] = 6d), differential output
(VCO_REG 0x03[3:2] = 3d)
Differential output
Gain 1 (VCO_REG 0x07[3:0] = 1d), differential output
(VCO_REG 0x03[3:2] = 3d)
Differential output
192
mA
Power-Down
Crystal Off
Register 0x01 = 0, crystal not clocked
10
µA
Crystal On, 100 MHz
Register 0x01 = 0, crystal clocked 100 MHz
5
mA
POWER-ON RESET
Typical Reset Voltage on DVDD
700
mV
Minimum DVDD Voltage for No Reset
1.5
V
Power-On Reset Delay
250
µs
VCO OPEN-LOOP PHASE NOISE
fo @ 2 GHz5
10 kHz Offset
−88
dBc/Hz
100 kHz Offset
−116
dBc/Hz
1 MHz Offset
−139
dBc/Hz
10 MHz Offset
−157
dBc/Hz
100 MHz Offset
−162
dBc/Hz
fo @ 2 GHz/2 = 1 GHz5
10 kHz Offset
−93
dBc/Hz
100 kHz Offset
−122
dBc/Hz
1 MHz Offset
−145
dBc/Hz
10 MHz Offset
−159
dBc/Hz
100 MHz Offset
−162
dBc/Hz
fo @ 3 GHz/30 = 100 MHz5
10 kHz Offset
−110
dBc/Hz
100 kHz Offset
−139
dBc/Hz
1 MHz Offset
−160
dBc/Hz
10 MHz Offset
−163
dBc/Hz
100 MHz Offset
−163
dBc/Hz
FIGURE OF MERIT (FOM)
Floor Integer Mode (Figure 24)
Normalized to 1 Hz
−229
dBc/Hz
Floor Fractional Mode (Figure 24)
Normalized to 1 Hz
−226
dBc/Hz
Flicker (Both Modes) (Figure 24)
Normalized to 1 Hz
−268
dBc/Hz
Rev. A | Page 4 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com