Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 41 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 41 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 37Page - Analog Devices HMC832LP6GETR Datasheet HTML 38Page - Analog Devices HMC832LP6GETR Datasheet HTML 39Page - Analog Devices HMC832LP6GETR Datasheet HTML 40Page - Analog Devices HMC832LP6GETR Datasheet HTML 41Page - Analog Devices HMC832LP6GETR Datasheet HTML 42Page - Analog Devices HMC832LP6GETR Datasheet HTML 43Page - Analog Devices HMC832LP6GETR Datasheet HTML 44Page - Analog Devices HMC832LP6GETR Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
HMC832
Data Sheet
Rev. A | Page 40 of 48
Bit
Type
Name
Width
Default
Description
14:13
R/W
FSM/VSPI clock select
2
1
These bits set the autocalibration FSM and VSPI clock (50 MHz
maximum)
0: input crystal reference
1: input crystal reference divide by 4
2: input crystal reference divide by 16
3: input crystal reference divide by 32
16:15
R/W
Reserved
2
0
Reserved
PHASE DETECTOR (PD) REGISTER
Table 25. Register 0x0B, PD Register (Default 0x0F8061)
Bit
Type
Name
Width
Default
Description
2:0
R/W
PD_DEL_SEL
3
1
Sets PD reset path delay (recommended setting is 001).
4:3
R/W
Reserved
2
0
Reserved.
5
R/W
PD_UP_EN
1
1
Enables the PD up output.
6
R/W
PD_DN_EN
1
1
Enables the PD down output.
8:7
R/W
CSP mode
2
0
Cycle slip prevention mode. This delay varies by ±10% with temperature, and
±12% with process. Extra current is driven into the loop filter when the phase error
is larger than the following:
0 = disabled
1 = 5.4 ns
2 = 14.4 ns
3 = 24.1 ns
9
R/W
Force CP up
1
0
Forces CP up output to turn on; use for test only.
10
R/W
Force CP DN
1
0
Forces CP down output to turn on; use for test only.
23:11
R/W
Reserved
13
496d
0x1F0
Reserved.
EXACT FREQUENCY MODE REGISTER
Table 26. Register 0x0C, Exact Frequency Mode Register (Default 0x000000)
Bit
Type
Name
Width
Default
Description
13:0
R/W
Number of
Channels per fPD
14
0
The comparison frequency divided by the correction rate must be an integer.
Frequencies at exactly the correction rate have zero frequency error.
0: disabled.
1: disabled.
2:16383d (0x3FFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com