Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 1 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 1 Page - Analog Devices

  HMC832LP6GETR Datasheet HTML 1Page - Analog Devices HMC832LP6GETR Datasheet HTML 2Page - Analog Devices HMC832LP6GETR Datasheet HTML 3Page - Analog Devices HMC832LP6GETR Datasheet HTML 4Page - Analog Devices HMC832LP6GETR Datasheet HTML 5Page - Analog Devices HMC832LP6GETR Datasheet HTML 6Page - Analog Devices HMC832LP6GETR Datasheet HTML 7Page - Analog Devices HMC832LP6GETR Datasheet HTML 8Page - Analog Devices HMC832LP6GETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Fractional-N PLL with Integrated VCO
25 MHz to 3000 MHz
Data Sheet
HMC832
FEATURES
RF bandwidth:
25 MHz to 3000 MHz
3.3 V supply
Maximum phase detector rate: 100 MHz
Ultralow phase noise
−110 dBc/Hz in band, typical
Fractional figure of merit (FOM): −226 dBc/Hz
24-bit step size, resolution 3 Hz typical
Exact frequency mode with 0 Hz frequency error
Fast frequency hopping
40-lead 6 mm × 6 mm SMT package: 36 mm2
APPLICATIONS
Cellular infrastructure
Microwave radio
WiMax, WiFi
Communications test equipment
CATV equipment
DDS replacement
Military
Tunable reference source for spurious-free performance
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The HMC832 is a 3.3 V, high performance, wideband, frac-
tional-N, phase-locked loop (PLL) that features an integrated
voltage controlled oscillator (VCO) with a fundamental
frequency of 1500 MHz to 3000 MHz, and an integrated VCO
output divider (divide by 1/2/4/6/…60/62), that enables the
HMC832 to generate continuous frequencies from 25 MHz to
3000 MHz. The integrated phase detector (PD) and delta-sigma
(Δ-Σ) modulator, capable of operating at up to 100 MHz, permit
wider loop bandwidths and faster frequency tuning with
excellent spectral performance.
Industry leading phase noise and spurious performance, across
all frequencies, enable the HMC832 to minimize blocker effects,
and to improve receiver sensitivity and transmitter spectral
purity. A low noise floor (−160 dBc/Hz) eliminates any contri-
bution to modulator/mixer noise floor in transmitter applications.
The HMC832 is footprint-compatible to the market leading
HMC830 PLL with integrated VCO. It features 3.3 V supply and
an innovative programmable performance technology that enables
the HMC832 to tailor current consumption and corresponding
noise floor performance to individual applications by selecting
either a low current consumption mode or a high performance
mode for an improved noise floor performance.
Additional features of the HMC832 include 12 dB of RF output
gain control in 1 dB steps; output mute function to automatically
mute the output during frequency changes when the device is
not locked; selectable output return loss; programmable
differential or single-ended outputs, with the ability to select
either output in single-ended mode; and a Δ-Σ modulator exact
frequency mode that enables users to generate output frequencies
with 0 Hz frequency error.
CP
EN
EN
VTUNE
RF_N
RF_P
SEN
CP
PFD
÷R
÷N
÷1, 2, 4, 6, ...62
MODULATOR
XREFP
LD/SDO SCK SDI
CAL
VCO
LOCK
DETECT
HMC832
SPI
PROGRAMMING
INTERFACE
CONTROL
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - HMC832LP6GETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8325 AD-HMC8325 Datasheet
309Kb / 16P
E-Band Low Noise Amplifier
Feb-2017
HMC8325-SX AD-HMC8325-SX Datasheet
309Kb / 16P
E-Band Low Noise Amplifier
Feb-2017
HMC8326LG AD-HMC8326LG Datasheet
176Kb / 2P
E-BAND LOW NOISE DOWNCONVERTER SIP 71 - 76 GHz
HMC8327LG AD-HMC8327LG Datasheet
174Kb / 2P
E-BAND LOW NOISE DOWNCONVERTER SIP 81 - 86 GHz
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
More results

Similar Description - HMC832LP6GETR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1.5KCD6.8 MICROSEMI-1.5KCD6.8 Datasheet
134Kb / 2P
CELLULAR DIE PACKAGE
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
Cellular Converter
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
Cellular Applications
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
Cellular Phones
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
4G Cellular
logo
Siemens Semiconductor G...
TC35I SIEMENS-TC35I Datasheet
3Mb / 37P
Siemens Cellular Engine
logo
TELTONIKA NETWORKS.
RUT240 TELTONIKA-RUT240 Datasheet
1Mb / 14P
INDUSTRIAL CELLULAR ROUTER
RUT950 TELTONIKA-RUT950 Datasheet
1Mb / 14P
INDUSTRIAL CELLULAR ROUTER
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
Cellular phones
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
Cellular phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com