Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 22 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 18Page - Analog Devices HMC832LP6GETR Datasheet HTML 19Page - Analog Devices HMC832LP6GETR Datasheet HTML 20Page - Analog Devices HMC832LP6GETR Datasheet HTML 21Page - Analog Devices HMC832LP6GETR Datasheet HTML 22Page - Analog Devices HMC832LP6GETR Datasheet HTML 23Page - Analog Devices HMC832LP6GETR Datasheet HTML 24Page - Analog Devices HMC832LP6GETR Datasheet HTML 25Page - Analog Devices HMC832LP6GETR Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Data Sheet
HMC832
Charge Pump Gain
Charge pump up and down gains are set by Register 0x09[6:0]
and Register 0x09[13:7], respectively. The current gain of the
pump in amps/radian is equal to the gain setting of this register
(Register 0x09) divided by 2π.
Typical CP gain setting is set to 2 mA to 2.5 mA; however, lower
values can also be used. Note that values less than 1 mA may
result in degraded phase noise performance.
For example, if both Register 0x09[13:7] and Register 0x09[6:0]
are set to 50 decimal, the output current of each pump is 1 mA,
and the phase frequency detector gain is kP = 1 mA/2π radians,
or 159 μA/rad. See the Charge Pump (CP) and Phase Detector
(PD) section for more information.
Figure 43. Charge Pump Gain and Offset Control
UP
PD
REF PATH
VCO PATH
LOOP
FILTER
UP GAIN
REG0x09[13:7]
UP OFFSET REG0x09[21]
0µA TO 635µA
5µA STEP
REG0x09[20:14]
DN OFFSET REG0x09[22]
0µA TO 635µA
5µA STEP
REG0x09[20:14]
0mA TO 2.54mA
20µA STEP
0mA TO 2.54mA
20µA STEP
DN GAIN
REG0x09[6:0]
DN
Rev. A | Page 21 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com