Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 8 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 4Page - Analog Devices HMC832LP6GETR Datasheet HTML 5Page - Analog Devices HMC832LP6GETR Datasheet HTML 6Page - Analog Devices HMC832LP6GETR Datasheet HTML 7Page - Analog Devices HMC832LP6GETR Datasheet HTML 8Page - Analog Devices HMC832LP6GETR Datasheet HTML 9Page - Analog Devices HMC832LP6GETR Datasheet HTML 10Page - Analog Devices HMC832LP6GETR Datasheet HTML 11Page - Analog Devices HMC832LP6GETR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Data Sheet
HMC832
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AVDD
DC Power Supply for Analog Circuitry.
2, 5, 6, 8, 9, 11 to
14, 18 to 22, 24, 26,
34, 37, 38
NC
No Connect. These pins are not connected internally; however, it is recommended to connect these
pins to RF/dc ground externally.
3
VPPCP
Power Supply for Charge Pump Analog Section.
4
CP
Charge Pump Output.
7
VDDLS
Power Supply for the Charge Pump Digital Section.
10
RVDD
Reference Supply.
15
XREFP
Reference Oscillator Input.
16
DVDD
DC Power Supply for Digital (CMOS) Circuitry.
17
CEN
PLL Subsystem Enable. Note that there is no effect on the VCO subsystem. Connect to logic high for
normal operation.
23
VTUNE
VCO Varactor. Tuning port input.
25
VCC2
VCO Analog Supply 2.
27
VCC1
VCO Analog Supply 1.
28
RF_N
RF Negative Output.
29
RF_P
RF Positive Output.
30
SEN
PLL Serial Port Enable (CMOS) Logic Input.
31
SDI
PLL Serial Port Data (CMOS) Logic Input.
32
SCK
PLL Serial Port Clock (CMOS) Logic Input.
33
LD/SDO
Lock Detect, or Serial Data, or General-Purpose (CMOS) Logic Output (GPO).
35
VCCHF
DC Power Supply for Analog Circuitry.
36
VCCPS
DC Power Supply for Analog Prescaler.
39
VCCPD
DC Power Supply for Phase Detector.
40
BIAS
External Bypass Decoupling for Precision Bias Circuits. Note: 1.920 V ± 20 mV reference voltage (BIAS) is
generated internally and cannot drive an external load. It must be measured with a 10 GΩ meter, such
as the Agilent 34410A; a normal 10 MΩ DVM reads erroneously.
EP
Exposed Pad. The exposed pad must be connected to RF/dc ground.
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED GROUND PAD MUST BE
CONNECTED TO RF/DC GROUND.
1
AVDD
2
NC
3
VPPCP
4
CP
5
NC
6
NC
7
VDDLS
8
NC
9
NC
10
RVDD
23 VTUNE
24 NC
25 VCC2
26 NC
27 VCC1
28 RF_N
29 RF_P
30 SEN
22 NC
21 NC
HMC832
TOP VIEW
(Not to Scale)
Rev. A | Page 7 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com