Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 40 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 40 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 36Page - Analog Devices HMC832LP6GETR Datasheet HTML 37Page - Analog Devices HMC832LP6GETR Datasheet HTML 38Page - Analog Devices HMC832LP6GETR Datasheet HTML 39Page - Analog Devices HMC832LP6GETR Datasheet HTML 40Page - Analog Devices HMC832LP6GETR Datasheet HTML 41Page - Analog Devices HMC832LP6GETR Datasheet HTML 42Page - Analog Devices HMC832LP6GETR Datasheet HTML 43Page - Analog Devices HMC832LP6GETR Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Data Sheet
HMC832
Rev. A | Page 39 of 48
Bit
Type
Name
Width
Default
Description
21
R/W
High frequency
reference
1
0
Program to 1 for XTAL > 200 MHz
23:22
R/W
Reserved
2
3d
Reserved
CHARGE PUMP REGISTER
Table 23. Register 0x09, Charge Pump Register (Default 0x403264)
Bit
Type
Name
Width
Default
Description
6:0
R/W
CP DN gain
7
100d
0x64
Charge pump DN gain control, 20 μA per step. Affects fractional phase
noise and lock detect settings.
0d = 0 μA
1d = 20 μA
2d = 40 μA
…
127d = 2.54 mA
13:7
R/W
CP UP gain
7
100d
0x64
Charge pump up gain control, 20 μA per step. Affects fractional phase
noise and lock detect settings.
0d = 0 μA
1d = 20 μA
2d = 40 μA
…
127d = 2.54 mA
20:14
R/W
Offset magnitude
7
0
Charge pump offset control, 5 μA per step. Affects fractional phase
noise and lock detect settings.
0d = 0 μA
1d = 5 μA
2d = 10 μA
…
127d = 635 μA
21
R/W
Offset up enable
1
0
Recommended setting = 1 in fractional mode, 0 otherwise.
22
R/W
Offset DN enable
1
1
Recommended setting = 0.
23
R/W
Reserved
1
0
Reserved.
AUTOCALIBRATION REGISTER
Table 24. Register 0x0A, VCO Autocalibration Configuration Register (Default 0x002205)
Bit
Type
Name
Width
Default
Description
2:0
R/W
VTUNE resolution
3
5
R divider cycles
0: 1 cycle
1: 2 cycles
2: 4 cycles
…
7: 256 cycles
9:3
R/W
Reserved
7
64d
Program 8d
10
R/W
Force curve
1
0
Program 0
11
R/W
Autocalibration disable
1
0
Program 0 for normal operation using VCO autocalibration
12
R/W
No VSPI trigger
1
0
0: normal operation
1: this bit disables the serial transfers to the VCO subsystem (via
Register 0x05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com