Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 46 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 46 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 41Page - Analog Devices HMC832LP6GETR Datasheet HTML 42Page - Analog Devices HMC832LP6GETR Datasheet HTML 43Page - Analog Devices HMC832LP6GETR Datasheet HTML 44Page - Analog Devices HMC832LP6GETR Datasheet HTML 45Page - Analog Devices HMC832LP6GETR Datasheet HTML 46Page - Analog Devices HMC832LP6GETR Datasheet HTML 47Page - Analog Devices HMC832LP6GETR Datasheet HTML 48Page - Analog Devices HMC832LP6GETR Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Data Sheet
HMC832
VCO CALIBRATION/BIAS, CF CALIBRATION, AND MSB CALIBRATION REGISTERS
These registers are write only. Note that, specified performance is only guaranteed with the required settings in Table 35 only; other
settings are not supported.
Table 35. VCO_REG 0x04 CAL/Bias
Bit
Type
Name
Width
Default
Description
0
W
Initialization
9
201d
Reserved
Table 36. VCO_REG 0x05 CF_CAL
Bit
Type
Name
Width
Default
Description
8:0
W
Reserved
9
170d
Reserved
Table 37. VCO_REG 0x06 MSB Calibration
Bit
Type
Name
Width
Default
Description
8:0
W
Reserved
9
255d
Reserved
VCO OUTPUT POWER CONTROL
The VCO power control register is write only.
Table 38. VCO_REG 0x07 Output Power Control
Bit
Type
Name
Width
Default
Description
3:0
W
Output stage gain control
4
1
Output stage gain control in 1 dB steps
0d: 0 dB gain
1d: 1 dB gain
2d: 2 dB gain
…
10d: 10 dB gain
11d: 11 dB gain
4
W
Initialization
1
0
Program to 1d
8:5
W
Reserved
4
4d
Program 4d
Rev. A | Page 45 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com