Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 6 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 2Page - Analog Devices HMC832LP6GETR Datasheet HTML 3Page - Analog Devices HMC832LP6GETR Datasheet HTML 4Page - Analog Devices HMC832LP6GETR Datasheet HTML 5Page - Analog Devices HMC832LP6GETR Datasheet HTML 6Page - Analog Devices HMC832LP6GETR Datasheet HTML 7Page - Analog Devices HMC832LP6GETR Datasheet HTML 8Page - Analog Devices HMC832LP6GETR Datasheet HTML 9Page - Analog Devices HMC832LP6GETR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Data Sheet
HMC832
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VCO CHARACTERISTICS
VCO Tuning Sensitivity
2800 MHz
Measured with 1.5 V on VTUNE; see Figure 29
24.6
MHz/V
2400 MHz
Measured with 1.5 V on VTUNE; see Figure 29
25.8
MHz/V
2000 MHz
Measured with 1.5 V on VTUNE; see Figure 29
25.2
MHz/V
1600 MHz
Measured with 1.5 V on VTUNE; see Figure 29
24.3
MHz/V
VCO Supply Pushing
Measured with 1.5 V on VTUNE
2.8
MHz/V
1
Measured with 100 Ω external termination. See Reference Input Stage section for more details.
2
Slew rate of ≥0.5 ns/V is recommended, see Reference Input Stage section for more details. Frequency is guaranteed across process voltage and temperature from
−40°C to +85°C.
3
This maximum PD frequency can only be achieved if the minimum N value is respected. For example, in the case of fractional mode, the maximum PD frequency =
fVCO/20 or 100 MHz, whichever is less.
4
For detailed current consumption information, refer to Figure 33 and Figure 36.
5
Gain setting = 6 (VCO_REG 0x07[3:0] = 6d) in high performance mode (VCO_REG 0x03[1:0] = 3d).
TIMING SPECIFICATIONS
SPI Write Timing Characteristics
AVDD = DVDD = 3 V, AGND = DGND = 0 V.
Table 2. SPI Write Timing Characteristics, See Figure 47
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
t1
SDI setup time to SCLK rising edge
3
ns
t2
SCLK rising edge to SDI hold time
3
ns
t3
SEN low duration
10
ns
t4
SEN high duration
10
ns
t5
SCLK 32nd rising edge to SEN rising edge
10
ns
t6
Recovery time
20
ns
Maximum serial port clock speed
50
MHz
Table 3. SPI Read Timing Characteristics, See Figure 48
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
t1
SDI setup time to SCK rising edge
3
ns
t2
SCK rising edge to SDI hold time
3
ns
t3
SEN low duration
10
ns
t4
SEN high duration
10
ns
t5
SCK rising edge to SDO time
8.2 ns + 0.2 ns/pF
ns
t6
Recovery time
10
ns
t7
SCK 32nd rising edge to SEN rising edge
10
ns
Rev. A | Page 5 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com