Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 16 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 12Page - Analog Devices HMC832LP6GETR Datasheet HTML 13Page - Analog Devices HMC832LP6GETR Datasheet HTML 14Page - Analog Devices HMC832LP6GETR Datasheet HTML 15Page - Analog Devices HMC832LP6GETR Datasheet HTML 16Page - Analog Devices HMC832LP6GETR Datasheet HTML 17Page - Analog Devices HMC832LP6GETR Datasheet HTML 18Page - Analog Devices HMC832LP6GETR Datasheet HTML 19Page - Analog Devices HMC832LP6GETR Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Data Sheet
HMC832
Rev. A | Page 15 of 48
HMC832 SPI. As a result, writes to the PLL Register Map are
written directly and immediately, whereas the writes to the
VCO Subsystem Register Map are written to the PLL subsystem
Register 0x05 and forwarded via the internal VCO SPI (VSPI)
to the VCO subsystem. This is a form of indirect addressing.
Note that VCO subsystem registers are write only and cannot be
read. More information is available in the VCO Serial Port
Interface (VSPI) section.
VCO Serial Port Interface (VSPI)
The HMC832 communicates with the internal VCO subsystem
via an internal 16-bit VCO SPI. The internal serial port controls
the step tuned VCO and other VCO subsystem functions.
Note that the internal VCO subsystem SPI (VSPI) runs at
the rate of the autocalibration FSM clock, tFSM, (see the VCO
Autocalibration section) where the FSM clock frequency
cannot be greater than 50 MHz. The VSPI clock rate is set
by Register 0x0A[14:13].
Writes to the control registers of the VCO are handled indirectly
via writes to Register 0x05 of the HMC832. A write to HMC832
Register 0x05 causes the internal PLL subsystem to forward the
packet, MSB first, across its internal serial link to the VCO
subsystem, where it is interpreted.
VSPI Use of Register 0x05
The packet data written into Register 0x05 is subparsed by logic
at the VCO subsystem into the following three fields:
Field 1—Bits[2:0]: 3-bit VCO_ID, target subsystem address =
000b.
Field 2—Bits[6:3]: 4-bit VCO_REGADDR, the internal register
address inside the VCO subsystem.
Field 3—Bits[15:7]: 9-bit VCO_DATA, data field to write to the
VCO register.
For example, to write 0_1111_1110 into Register 2 of the VCO
subsystem (VCO_ID = 000b), and set the VCO output divider
to divide by 62, the following needs to be written to
Register 0x05 = 0_1111_1110b, 0010b, 000b or equivalently,
Register 0x05 = 7F10.
During autocalibration, the autocalibration controller writes
into the VCO register address specified by the VCO_ID
and VCO_REGADDR, as stored in Register 0x05[2:0] and
Register 0x05[6:3], respectively. Autocalibration requires that
these values be zero (Register 0x05[6:0] = 0); otherwise, when
they are not zero (Register 0x05[6:0] ≠ 0), autocalibration does
not function.
To ensure that the autocalibration functions, it is critical to
write Register 0x05[6:0] = 0 after the last VCO subsystem write
prior to an output frequency change triggered by a write to
either Register 0x03 or Register 0x04.
However, it is impossible to write only Register 0x05[6:0] = 0
(VCO_REGADDR) without writing Register 0x05[15:7]
(VCO_DATA). Therefore, to ensure that the VCO_DATA
(Register 0x05[15:7]) in VCO_REGADDR 0x00 is not changed,
it is required to read the switch settings provided in Regis-
ter 0x10[7:0], and then rewrite them to Register 0x05[15:7], as
shown in the following example:
1.
Read Register 0x10
2.
Write to Register 0x05 the following:
a.
Register 0x05[15:14] = Register 0x10[7:6]
b.
Register 0x05[13] = 1, reserved bit
c.
Register 0x05[12:8] = Register 0x10[4:0]
d.
Register 0x05[7:0] = 0
Changing the VCO subsystem configuration (VCO Subsystem
Register Map section) without following this procedure results
in a failure to lock to the desired frequency.
For applications not using the read functionality of the
HMC832 SPI, in which Register 0x10 cannot be read, it is
possible to write Register 0x05 = 0x0 to set Register 0x05[6:0] =
0, which also sets the VCO subband setting equal to zero
(Register 0x05[15:7] = 0), effectively programming incorrect
VCO subband settings and causing the HMC832 to lose lock.
This procedure is then immediately followed by a write to:
Register 0x03, if in integer mode.
Register 0x04, if in fractional mode.
This write effectively retriggers the autocalibration state
machine, forcing the HMC832 to relock whether in integer or
fractional mode.
This procedure causes the HMC832 to lose lock and relock after
every VCO subsystem change. Typical output frequency and
lock time is shown in Figure 27 and Figure 30, and is typically
in the order of 100 μs for a phase settling of 10°, and is also
dependent on loop filter design (loop filter bandwidth and loop
filter phase margin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com