Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 13 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 9Page - Analog Devices HMC832LP6GETR Datasheet HTML 10Page - Analog Devices HMC832LP6GETR Datasheet HTML 11Page - Analog Devices HMC832LP6GETR Datasheet HTML 12Page - Analog Devices HMC832LP6GETR Datasheet HTML 13Page - Analog Devices HMC832LP6GETR Datasheet HTML 14Page - Analog Devices HMC832LP6GETR Datasheet HTML 15Page - Analog Devices HMC832LP6GETR Datasheet HTML 16Page - Analog Devices HMC832LP6GETR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
HMC832
Data Sheet
Figure 27. Frequency Settling After Frequency Change, Autocalibration
Enabled, Loop Filter BW = 127 kHz (Type 1, See Table 12)
Figure 28. Frequency Settling After Frequency Change, Manual Calibration,
Loop Filter BW = 127 kHz (Type 1 in Table 12)
Figure 29. Typical VCO Sensitivity
Figure 30. Phase Settling After Frequency Change, Autocalibration Enabled,
Loop Filter BW = 127 kHz (Type 1, See Table 12)
Figure 31. Phase Settling After Frequency Change, Manual Calibration
Figure 32. Typical Tuning Voltage After Calibration (See the Loop Filter and
Frequency Changes Section)
2.2
2.4
2.6
2.8
3.0
3.2
TIME (µs)
0
20
40
60
80
100
120
140
160
SETTLING TIME TO < 10 DEGREES
PHASE ERROR
TIME (µs)
0
20
40
60
80
100
120
140
160
2.495
2.500
2.505
2.510
SETTLING TIME TO < 10 DEGREES
PHASE ERROR
NOTE: LOOP FILTER BANDWIDTH = 127kHz, LOOP
FILTER PHASE MARGIN = 61 DEGREES. THIS RESULT IS
DIRECTLY AFFECTED BY LOOP FILTER DESIGN. FASTER
SETTLING TIME IS POSSIBLE WITH WIDER LOOP FILTER
BANDWIDTH AND LOWER PHASE MARGIN.
10
20
30
40
50
60
70
80
90
0
0.66
1.30
2.00
3.30
TUNING VOLTAGE (V)
2.60
1587MHz
2013MHz
2854MHz
TUNING CAP 15
2453MHz
–200
–150
–100
–50
0
50
100
150
200
TIME (µs)
0
20
40
60
80
100
120
140
160
SETTLING TIME TO < 10 DEGREES
PHASE ERROR
–200
–150
–100
–50
0
50
100
150
200
TIME (µs)
0
20
40
60
80
100
120
140
160
SETTLING TIME TO < 10 DEGREES
PHASE ERROR
NOTE: LOOP FILTER BANDWIDTH = 127kHz,
LOOP FILTER PHASE MARGIN = 61 DEGREES.
THIS RESULT IS DIRECTLY AFFECTED B Y LOOP
FILTER DESIGN. FASTER SETTLING TIME IS
POSSIBLE WITH WIDER LOOP FILTER
BANDWIDTH AND LOWER PHASE MARGIN.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
CALIBRATED AT +85°C, MEASURED AT –40°C
1330
1710 1900 2090 2280 2470 2660 2850 3040
1520
VCO FREQUENCY (MHz)
CALIBRATED AT +27°C, MEASURED AT +27°C
CALIBRATED AT –40°C, MEASURED AT +85°C
CALIBRATED AT +85°C, MEASURED AT +85°C
CALIBRATED AT –40°C, MEASURED AT –40°C
fMAX
fMIN
Rev. A | Page 12 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com