Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 32 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 32 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 28Page - Analog Devices HMC832LP6GETR Datasheet HTML 29Page - Analog Devices HMC832LP6GETR Datasheet HTML 30Page - Analog Devices HMC832LP6GETR Datasheet HTML 31Page - Analog Devices HMC832LP6GETR Datasheet HTML 32Page - Analog Devices HMC832LP6GETR Datasheet HTML 33Page - Analog Devices HMC832LP6GETR Datasheet HTML 34Page - Analog Devices HMC832LP6GETR Datasheet HTML 35Page - Analog Devices HMC832LP6GETR Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Data Sheet
HMC832
Serial Port Read Operation
In general, the LD_SDO line is always active during the
write cycle. During any SPI cycle, LD_SDO contains the
data from the current address written in Register 0x0[4:0].
If Register 0x0[4:0] is not changed, the same data is always
present on LD_SDO during a SPI cycle.
If a read is required from a specific address, it is necessary to
write the required address to Register 0x0[4:0] in the first SPI
cycle, then in the next SPI cycle, the desired data becomes
available on LD_SDO. A typical read cycle is shown in Figure 48.
An example of the two cycle procedure to read from any
random address is as follows:
1. The master (host), on the first 24 falling edges of SCLK
places 24-bit data, D23:D0, MSB first, on SDI as shown in
Figure 48. Set D23:D5 to zero. D4:D0 = address of the
register to be read on the next cycle.
2. The slave (HMC832) shifts in data on SDI on the first 24
rising edges of SCK.
3. The master places the 5-bit register address , R4:R0, (the
read address register), MSB first, on the next five falling
edges of SCK (25th to 29th falling edges). R4:R0 = 00000.
4. The slave shifts the register bits on the next five rising
edges of SCK (25th to 29th rising edges).
5. The master places the 3-bit chip address, A2:A0, MSB first,
on the next three falling edges of SCK (30th to 32nd falling
edges). The chip address is always 000b.
6. The slave shifts the chip address bits on the next three
rising edges of SCK (30th to 32nd rising edges).
7. The master asserts SEN after the 32nd rising edge of SCK.
8. The slave registers the SDI data on the rising edge of SEN.
9. The master clears SEN to complete the the address transfer
of the two part read cycle.
10. If a write data to the chip is not needed at the same time as
the second cycle occurs, then it is recommended to simply
rewrite the same contents on SDI to Register 0x00 on the
readback portion of the cycle.
11. The master places the same SDI data as the previous cycle
on the next 32 falling edges of SCK.
12. The slave (HMC832) shifts the SDI data on the next 32
rising edges of SCK.
13. The slave places the desired read data (that is, data from
the address specified in Register 0x00[4:0] of the first
cycle) on LD_SDO, which automatically switches to SDO
mode from LD mode, disabling the LD output.
14. The master asserts SEN after the 32nd rising edge of SCK to
complete the cycle and revert back to lock detect on
LD_SDO.
Rev. A | Page 31 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com