Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 17 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 13Page - Analog Devices HMC832LP6GETR Datasheet HTML 14Page - Analog Devices HMC832LP6GETR Datasheet HTML 15Page - Analog Devices HMC832LP6GETR Datasheet HTML 16Page - Analog Devices HMC832LP6GETR Datasheet HTML 17Page - Analog Devices HMC832LP6GETR Datasheet HTML 18Page - Analog Devices HMC832LP6GETR Datasheet HTML 19Page - Analog Devices HMC832LP6GETR Datasheet HTML 20Page - Analog Devices HMC832LP6GETR Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
HMC832
Data Sheet
VCO SUBSYSTEM
Figure 39. PLL and VCO Subsystems
The HMC832 contains a VCO subsystem that can be
configured to operate in:
•
Fundamental frequency (fo) mode (1500 MHz to
3000 MHz).
•
Divide by N mode, where N = 2, 4, 6, 8 … 58, 60, 62
(25 MHz to 1500 MHz).
All modes are VCO register programmable, as shown in
Figure 39. One loop filter design can be used for the entire
frequency of operation of the HMC832.
VCO Calibration
VCO Autocalibration
The HMC832 uses a step tuned type VCO. A simplified step
tuned VCO is shown in Figure 41. A step tuned VCO is a VCO
with a digitally selectable capacitor bank allowing the nominal
center frequency of the VCO to be adjusted or stepped by
switching in and out of the VCO tank capacitors. Note that
more than one capacitor can be switched in at a time.
A step tuned VCO allows the user to center the VCO on the
required output frequency while keeping the varactor tuning
voltage optimized near the mid voltage tuning point of the
HMC832 charge pump. This enables the PLL charge pump to
tune the VCO over the full range of operation with both a low
tuning voltage and a low tuning sensitivity (kVCO).
The VCO switches are normally controlled automatically by the
HMC832 using the autocalibration feature. The autocalibration
feature is implemented in the internal state machine. It manages
the selection of the VCO subband (capacitor selection) when a
new frequency is programmed. The VCO switches may also be
controlled directly via Register 0x05 for testing or for other
special purpose operations. Other control bits specific to the
VCO are also sent via Register 0x05.
To use a step tuned VCO in a closed loop, the VCO must be
calibrated such that the HMC832 knows which switch position
on the VCO is optimum for the desired output frequency. The
HMC832 supports autocalibration of the step tuned VCO. The
autocalibration fixes the VCO tuning voltage at the optimum
midpoint of the charge pump output, then measures the free
running VCO frequency while searching for the setting which
results in the free running output frequency that is closest to the
desired phase-locked frequency. This procedure results in a
phase-locked oscillator that locks over a narrow voltage range
on the varactor. A typical tuning curve for a step tuned VCO is
shown in Figure 40. Note that the tuning voltage stays in a
narrow range over a wide range of output frequencies.
SPI
LD_SDO
VCO_REG0x01[0]
VCO_REG0x01[3]
EN
EN
÷1, ÷2, ÷4, ÷6, ... ÷62
VCO_REG0x01[2]
VCO_REG0x01[1], EN
VCO_REG0x00[8:1]
VCO_REG0x00[0]
LOOP
FILTER
VCO
VCO CAL
VOLTAGE
EN
VCO_REG0x07[3:0]
VCO_REG0x02[5:0]
VCO
CONTROL
VSPI
VTUNE
RF_N
RF_P
VDD
MASTER ENABLE
VCO SUBSYSTEM
VCO_REG0x03[1:0]
VCO_REG0x03[3]
VCO_REG0x03[2]
VCO_REG0x01[5]
VCO SUBSYSTEM
PERFORMANCE
TUNING
CONTROL
MODULATOR
N
DIVIDER
CP
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
R
DIVIDER
XREFP
CAL
Rev. A | Page 16 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com