Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 14 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 10Page - Analog Devices HMC832LP6GETR Datasheet HTML 11Page - Analog Devices HMC832LP6GETR Datasheet HTML 12Page - Analog Devices HMC832LP6GETR Datasheet HTML 13Page - Analog Devices HMC832LP6GETR Datasheet HTML 14Page - Analog Devices HMC832LP6GETR Datasheet HTML 15Page - Analog Devices HMC832LP6GETR Datasheet HTML 16Page - Analog Devices HMC832LP6GETR Datasheet HTML 17Page - Analog Devices HMC832LP6GETR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Data Sheet
HMC832
Figure 33. Current Consumption in Single-Ended Output Configuration,
Output Gain Configured in VCO_REG 0x07[3:0], Differential or Single-Ended
Mode Programmed in VCO_REG 0x03[3:2]
Figure 34. Reference Input Sensitivity, Square Wave, Measured from a 50 Ω
Source with a 100 Ω External Resistor Termination
Figure 35. Mute Mode Isolation, Measured at Output
Figure 36. Current Consumption in Differential Output Configuration,
Output Gain Configured in VCO_REG 0x07[3:0], Differential or Single-Ended
Mode Programmed in VCO_REG 0x03[3:2]
Figure 37. Reference Input Sensitivity, Sinusoidal Wave, Measured from a
50 Ω Source with a 100 Ω External Resistor Termination
160
170
180
190
200
210
220
230
240
OUTPUT FREQUENCY (MHz)
fO
fO/2
fO/62
500
0
1000
1500
2000
2500
3000
HIGH PERFORMANCE MODE
(VCO_REG0x03[1:0] = 3d)
LOW CURRENT
CONSUMPTION MODE
(VCO_REG0x03[1:0] = 1d)
fO/4
OUTPUT GAIN 0dB
OUTPUT GAIN 6dB
220
222
224
226
228
230
232
14MHz SQUARE WAVE
25MHz SQUARE WAVE
50MHz SQUARE WAVE
100MHz SQUARE WAVE
–12
–9
–6
–3
0
3
–15
REFERENCE POWER (dBm)
–110
–90
–70
–50
–30
–10
1000
100
FRQUENCY (MHz)
3000
MUTE ON (VCO_REG0x03[8:7] = 3d)
SIGNAL ON RF_N PIN WHEN RF_N PIN OFF,
RF_P PIN ON (VCO_REG0x03[3:2] = 1d),
MUTE OFF (ON ONLY DURING VCO
CALIBRATION VCO_REG0x03[8:7] = 1d)
BOTH RF_N AND RF_P PINS OFF,
(VCO_REG0x03[3:2] = 0d),
MUTE OFF (ON ONLY DURING VCO
CALIBRATION VCO_REG0x03[8:7] = 1d)
180
200
220
240
260
OUTPUT FREQUENCY (MHz)
fO
fO/2
fO/4
fO/62
500
0
1000
1500
2000
2500
3000
OUTPUT GAIN 0dB
OUTPUT GAIN 6dB
HIGH PERFORMANCE MODE
(VCO_REG0x03[1:0] = 3d)
LOW CURRENT
CONSUMPTION MODE
(VCO_REG0x03[1:0] = 1d)
200
205
210
215
220
225
230
235
–20
–15
–10
–5
0
5
14MHz SINUSOIDAL
25MHz SINUSOIDAL
50MHz SQUARE
100MHz SQUARE
REFERENCE POWER (dBm)
Rev. A | Page 13 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com