Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 42 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 42 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 38Page - Analog Devices HMC832LP6GETR Datasheet HTML 39Page - Analog Devices HMC832LP6GETR Datasheet HTML 40Page - Analog Devices HMC832LP6GETR Datasheet HTML 41Page - Analog Devices HMC832LP6GETR Datasheet HTML 42Page - Analog Devices HMC832LP6GETR Datasheet HTML 43Page - Analog Devices HMC832LP6GETR Datasheet HTML 44Page - Analog Devices HMC832LP6GETR Datasheet HTML 45Page - Analog Devices HMC832LP6GETR Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Data Sheet
HMC832
GENERAL-PURPOSE, SERIAL PORT INTERFACE, AND REFERENCE DIVIDER (GPO_SPI_RDIV) REGISTER
Table 27. Register 0x0F, GPO_SPI_RDIV Register (Default 0x000001)
Bit
Type
Name
Width
Default
Description
4:0
R/W
GPO_SELECT
5
1d
The signal selected here is an output to the SDO pin when the SDO
pin is enable via Register 0x08[5]
0: data from Register 0x0F[5]
1: lock detect output
2: lock detect trigger
3: lock detect window output
4: ring oscillator test
5: pull-up hard from CSP
6: pull-down hard from CSP
7: reserved
8: reference buffer output
9: reference divider output
10: VCO divider output
11: modulator clock from VCO divider
12: auxiliary clock
13: auxiliary SPI clock
14: auxiliary SPI enable
15: auxiliary SPI data output
16: PD down
17: PD up
18: SD3 clock delay
19: SD3 core clock
20: autostrobe integer write
21: autostrobe fractional write
22: autostrobe auxiliary SPI
23: SPI latch enable
24: VCO divider sync reset
25: seed load strobe
26 to 29: not used
30: SPI output buffer enable
31: soft reset, RST
5
R/W
GPO test data
1
0
1: GPO test data
6
R/W
Prevent automux SDO
1
0
1: outputs GPO data only
0: automuxes between SDO and GPO data
7
R/W
LDO driver always on
1
0
1: LD_SDO pin driver always on
0: LD_SDO pin driver only on during SPI read cycle
8
R/W
Disable PFET
1
0
9
R/W
Disable NFET
1
0
Rev. A | Page 41 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com