Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC832LP6GETR Datasheet(PDF) 25 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 21Page - Analog Devices HMC832LP6GETR Datasheet HTML 22Page - Analog Devices HMC832LP6GETR Datasheet HTML 23Page - Analog Devices HMC832LP6GETR Datasheet HTML 24Page - Analog Devices HMC832LP6GETR Datasheet HTML 25Page - Analog Devices HMC832LP6GETR Datasheet HTML 26Page - Analog Devices HMC832LP6GETR Datasheet HTML 27Page - Analog Devices HMC832LP6GETR Datasheet HTML 28Page - Analog Devices HMC832LP6GETR Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
HMC832
Data Sheet
Table 9. Typical Digital Lock Detect Window
LD Timer Speed
Register 0x07
Bits[11:10]
Digital Lock Detect Window Size Nominal Value (ns)
Fastest 00
6.5
8
11
17
29
53
100
195
01
7
8.9
12.8
21
36
68
130
255
10
7.1
9.2
13.3
22
38
72
138
272
Slowest 11
7.6
10.2
15.4
26
47
88
172
338
LD Timer Divide
Setting
Register 0x07,
Bits[9:7]
000
001
010
011
100
101
110
111
Digital Window Configuration Example
Assuming, fractional mode, with a 50 MHz PD and a
•
Charge pump gain of 2 mA (Register 0x09[13:7] = 0x64,
Register 0x09[6:0] = 0x64),
•
Up offset (Register 0x09[22:21] = 01b)
•
Offset current magnitude of +400 μA (Register 0x09[20:14]
= 0x50)
Applying Equation 10, the required LD window size is:
LD Window (sec) =
ns
33
.
13
2
)
Hz
(
10
50
1
(sec)
10
66
.
2
)
A
(
10
2
)
Hz
(
10
50
)
A
(
10
4
.
0
6
9
3
6
3
=


×
+
×
+
×
×
×
×
−
−
−
Locating the Table 9 value that is closest to this result is, in this
case, 13.3 ≈ 13.33. To set the digital LD window size, program
Register 0x07[11:10] = 10b and Register 0x07[9:7] = 010b,
according to Table 9.
There is always a good solution for the lock detect window for a
given operating point. The user should understand, however,
that one solution does not fit all operating points. As observed
from Equation 10 and Equation 11, if the charge pump offset or
PD frequency is changed significantly, then the lock detect
window may need to be adjusted.
Configuring the LD_SDO Pin for LD Output
Setting Register 0x0F[7] = 1 and Register 0x0F[4:0] = 1 displays
the lock detect flag on the LD_SDO pin of the HMC832. When
locked, LD_SDO is high. As the name suggests, LD_SDO pin is
multiplexed between the LD and the serial data output (SDO)
signals. Therefore, LD is available on the LD_SDO pin at all
times except when a serial port read is requested, in which case
the pin reverts temporarily to the serial data output pin, and
returns to the lock detect flag after the read is completed.
LD can be made available on LD_SDO pin at all times by
writing Register 0x0F[6] = 1. In that case, the HMC832 does
not provide any readback functionality because the SDO signal
is not available.
Cycle Slip Prevention (CSP)
When changing VCO frequency and the VCO is not yet locked
to the reference, the instantaneous frequencies of the two PD
inputs are different, and the phase difference of the two inputs
at the PD varies rapidly over a range much greater than ±2π
radians. Because the gain of the PD varies linearly with phase
up to ±2π, the gain of a conventional PD cycles from high gain,
when the phase difference approaches a multiple of 2π, to low
gain, when the phase difference is slightly larger than a multiple
of 0 radians. The output current from the charge pump cycles
from maximum to minimum, even though the VCO has not yet
reached its final frequency.
The charge on the loop filter small capacitor may actually
discharge slightly during the low gain portion of the cycle. This
can make the VCO frequency reverse temporarily during
locking. This phenomenon is known as cycle slipping. Cycle
slipping causes the pull-in rate during the locking phase to vary
cyclically. Cycle slipping increases the time to lock to a value
greater than that predicted by normal small signal Laplace
transform analysis.
The HMC832 PD features an ability to reduce cycle slipping
during acquisition. The cycle slip prevention (CSP) feature
increases the PD gain during large phase errors. The specific
phase error that triggers the momentary increase in PD gain is
set via Register 0x0B[8:7].
Frequency Tuning
The HMC832 VCO subsystem always operates in fundamental
frequency of operation (1500 MHz to 3000 MHz). The HMC832
generates frequencies below its fundamental frequency (25 MHz to
1500 MHz) by tuning to the appropriate fundamental frequency
and selecting the appropriate output divider setting (divide by
2/4/6/ … 60/62) in VCO_REG 0x02[5:0].
The HMC832 automatically controls frequency tuning in the
fundamental band of operation, for more information see the
VCO Autocalibration section.
To tune to frequencies below the fundamental frequency range
(<1500 MHz) it is required to tune the HMC832 to the appropriate
fundamental frequency, then select the appropriate output divider
setting (divide by 2/4/6/ … 60/62) in VCO_REG 0x02[5:0].
Integer Mode
The HMC832 is capable of operating in integer mode. For
integer mode, set the following registers:
•
Disable the fractional modulator, Register 0x06[11] = 0
•
Bypass the modulator circuit, Register 0x06[7] = 1
In integer mode, the VCO step size is fixed to that of the PD
frequency. Integer mode typically has a 3 dB lower phase noise
than fractional mode for a given PD operating frequency.
Integer mode, however, often requires a lower PD frequency to
meet step size requirements. The fractional mode advantage is
that higher PD frequencies can be used; therefore, lower phase
noise can often be realized in fractional mode. Disable charge
pump offset when in integer mode.
Rev. A | Page 24 of 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com