Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 5Page - STMicroelectronics AN2521 Datasheet HTML 6Page - STMicroelectronics AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics AN2521 Datasheet HTML 10Page - STMicroelectronics AN2521 Datasheet HTML 11Page - STMicroelectronics AN2521 Datasheet HTML 12Page - STMicroelectronics AN2521 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN2521
Test results
9/33
To achieve optimal efficiency the PFC stage implements the tracking boost function. It
consists of a PFC output voltage that follows the input voltage. Typically, in traditional PFC
stages, the dc output voltage is regulated at a fixed value (typically 400 volts) but in some
applications, such as this one using a flyback as the downstream converter, it could be
advantageous to regulate the PFC output voltage with the tracking boost or "follower boost"
approach. In this way the circuit with the TBO function provides improved efficiency and,
thanks to the lower differential voltage across the boost inductor, the value of L2 can be
reduced as compared to the same circuit without the TBO function. In the present case a
400 µH inductor has been used, while with a fixed output voltage PFC working at a similar
operating frequency, a 700 µH inductor is required.
To achieve the TBO function on the L6563, a dedicated input of the multiplier is available on
TBO pin #6. This function can be implemented by simply connecting a resistor (RT) between
the TBO pin and ground.
Figure 4.
L6563 tracking boost and voltage feed-forward blocks
The TBO pin presents a dc level equal to the peak of the MULT pin voltage and is then
representative of the mains RMS voltage. The resistor defines the current, equal to
V(TBO)/RT, which is internally mirrored 1:1 and sunk from the INV pin (pin 1) input of the
error amplifier. In this way, when the mains voltage increases, the voltage at the TBO pin will
increase as well, and so will the current flowing through the resistor connected between
TBO and GND. A larger current will then be sunk by the INV pin and the output voltage of
the PFC pre-regulator will be forced higher. Obviously, the output voltage will move in the
opposite direction if the input voltage decreases.
To avoid an unwanted rise in output voltage should the mains voltage exceed the maximum
specified value, the voltage at the TBO pin is clamped at 3 V. By properly selecting the
multiplier bias it is possible to set the maximum input voltage above which input-to-output
tracking ends and the output voltage becomes constant. If this function is not used, the pin
should be left open; the device will regulate at a fixed output voltage.
R1
L6563
L6563A
INV
1
Vout
TBO
6
1:1
CURRENT
RT
2.5V
E/A
+
-
COM
2
3V
-
+
5
ITBO
IR
MUL
3
R5
Rectified mains
R6
"ideal"
diode
MULTIPLIER
1/V
2
current
reference
R2
IR
ITBO
9.5V
9.5V
VFF
CF
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com