Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 25Page - STMicroelectronics AN2521 Datasheet HTML 26Page - STMicroelectronics AN2521 Datasheet HTML 27Page - STMicroelectronics AN2521 Datasheet HTML 28Page - STMicroelectronics AN2521 Datasheet HTML 29Page - STMicroelectronics AN2521 Datasheet HTML 30Page - STMicroelectronics AN2521 Datasheet HTML 31Page - STMicroelectronics AN2521 Datasheet HTML 32Page - STMicroelectronics AN2521 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AN2521
Transformer specification
31/33
Note:
All terminal wires must be insulated by tube
Figure 34.
Winding position on coil former
Note:
Primaries A & B are in parallel
8.4
Mechanical aspect and pin numbering
Maximum height from PCB: 30 mm
Coil former type: horizontal, 9+9 pins (pin 2 removed)
pin distance: 4 mm
Row distance: 35 mm
External copper shield: not insulated, wound around the ferrite core and including the
coil former. Height is 12 mm.
Table 10.
Winding characteristics
Pin
Winding
O/P RMS
current
Number of
turns
Number of
layers
Wire type
5 - 6
Aux
0.05 ARMS
7 spaced
1
G2 –
φ 0.23 mm
3 - 1
Primary - A
0.39 ARMS
60
2
G2 – 2 x
φ 0.23 mm
8 - 10
19 V
5.2 ARMS
81
Multistrand
G2 - 4 x
φ 0.64 mm
4 - 2
Primary - B
0.39 ARMS
60
2
G2- 2 x
φ 0.23 mm
Polyester tape - 2 layers
Polyester tape - 2 layers
Polyester tape - 2 layers
Polyester tape - 1 layers
coil former
6.2
6.2
PRIMARY - B
19V
PRIMARY - A
AUX
Barrier tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com