Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2521 Datasheet HTML 1Page - STMicroelectronics AN2521 Datasheet HTML 2Page - STMicroelectronics AN2521 Datasheet HTML 3Page - STMicroelectronics AN2521 Datasheet HTML 4Page - STMicroelectronics AN2521 Datasheet HTML 5Page - STMicroelectronics AN2521 Datasheet HTML 6Page - STMicroelectronics AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Contents
AN2521
2/33
Contents
1
Main characteristics and circuit description . . . . . . . . . . . . . . . . . . . . . 4
2
Test results . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.1
Efficiency measurements at full load, tracking boost option (TBO) . . . . . . 8
2.2
Harmonic content measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3
Functional check . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
3.1
Normal operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
3.2
Standby and no-load operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
3.3
Over current and short circuit protection . . . . . . . . . . . . . . . . . . . . . . . . . 16
3.4
Overvoltage and open loop protection . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
4
EVAL6668-75W: thermal map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
4.1
Thermal protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
4.2
Thermal map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
5
Conducted emission pre-compliance test . . . . . . . . . . . . . . . . . . . . . . 22
6
Bill of material . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
7
PFC coil specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7.1
General description and characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7.2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7.3
Electrical schematic and winding characteristics . . . . . . . . . . . . . . . . . . . 28
7.4
Mechanical aspect and pin numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
8
Transformer specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.1
General description and characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
8.3
Electrical diagram and winding characteristics . . . . . . . . . . . . . . . . . . . . . 30
8.4
Mechanical aspect and pin numbering . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com