Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 10Page - STMicroelectronics AN2521 Datasheet HTML 11Page - STMicroelectronics AN2521 Datasheet HTML 12Page - STMicroelectronics AN2521 Datasheet HTML 13Page - STMicroelectronics AN2521 Datasheet HTML 14Page - STMicroelectronics AN2521 Datasheet HTML 15Page - STMicroelectronics AN2521 Datasheet HTML 16Page - STMicroelectronics AN2521 Datasheet HTML 17Page - STMicroelectronics AN2521 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Functional check
AN2521
14/33
Figure 17.
Adapter circuit primary side waveforms 265 V, 50 Hz
3.2
Standby and no-load operation
In Figure 18 and Figure 19, some no-load waveforms of the circuit are shown. As illustrated,
the L6668 works in burst mode to achieve optimal efficiency. The burst mode threshold can
be adjusted by setting the divider connected to the SKIPADJ pin (#9). When the voltage at
the COMP pin falls 50 mV below the voltage on the SKIPADJ pin, the IC is shut down and
consumption is reduced. The chip is re-enabled as the voltage on the COMP pin exceeds
the voltage on the threshold set by pin 9 with its hysteresis. Additionally, in order to achieve
the best efficiency during light load operation the PFC stage is turned off. In fact, the L6668
pin #14 (PFC_STOP) is dedicated to enabling or disabling PFC operation according to the
CH1: Q7 drain voltage
CH2: L6668 Vpin #12 (ISEN)
Figure 18.
EVAL6668-75 W no-load operation
waveforms @90 V, 60 Hz
Figure 19.
EVAL6668-75 W no-load operation
waveforms @265 V, 50 Hz
CH1: Q7 drain voltage
CH2: L6668 COMP (pin #10)
CH3: L6668 VCC (pin #5)
CH1: Q7 drain voltage
CH2: L6668 COMP (pin #10)
CH3: L6668 VCC (pin #5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com