Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 19Page - STMicroelectronics AN2521 Datasheet HTML 20Page - STMicroelectronics AN2521 Datasheet HTML 21Page - STMicroelectronics AN2521 Datasheet HTML 22Page - STMicroelectronics AN2521 Datasheet HTML 23Page - STMicroelectronics AN2521 Datasheet HTML 24Page - STMicroelectronics AN2521 Datasheet HTML 25Page - STMicroelectronics AN2521 Datasheet HTML 26Page - STMicroelectronics AN2521 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN2521
Bill of material
23/33
6
Bill of material
Table 8.
EVAL6668-75W evaluation board: bill of material
Des.
Part type/part value
Description
Supplier
C1
2N2
Y1 safety cap.
Murata
C10
Res.
Not used
C11
Res.
Not used
C12
1000 µF-25V ZL
Aluminium ELCAP - ZL series - 105 °C
Rubycon
C13
100 µF-25V YXF
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C14
220NF
50 V CERCAP - general purpose
AVX
C15
1 µF
25 V CERCAP - general purpose
AVX
C16
1000 µF-25V ZL
Aluminium ELCAP - ZL series - 105 °C
Rubycon
C17
100N
50 V CERCAP - general purpose
AVX
C19
2N2
50 V CERCAP - general purpose
AVX
C2
2N2
Y1 safety cap.
Murata
C20
10N
50 V CERCAP - general purpose
AVX
C21
470N
25 V CERCAP - general purpose
AVX
C22
2µ2-25 V
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C23
Res.
Not used
C24
2N2 - Y1 -
DE1E3KX222M
Y1 safety cap.
Murata
C25
220PF
50 V CERCAP - general purpose
AVX
C26
22N
50 V CERCAP - general purpose
AVX
C27
47 µF-50 V
Aluminium ELCAP - YXF Series - 105 °C
Rubycon
C28
Res.
Not used
C29
Res.
Not used
C3
470N-X2
X2 film CAPACITOR - R46-I 3470--M1-
Arcotronics
C30
2N2-5%
50 V - 5% - C0G - CERCAP
AVX
C31
Res.
Not used
C32
100N
50 V CERCAP - general purpose
AVX
C33
22 µF-50 V
Aluminium ELCAP - YXF series - 105 °C
Rubycon
C34
100PF
50 V CERCAP - general purpose
AVX
C35
270N
25 V CERCAP - general purpose
AVX
C36
100N
50 V CERCAP - general purpose
AVX
C37
82N
50 V CERCAP - general purpose
AVX
C38
470PF
50 V CERCAP - general purpose
AVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com