Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 17Page - STMicroelectronics AN2521 Datasheet HTML 18Page - STMicroelectronics AN2521 Datasheet HTML 19Page - STMicroelectronics AN2521 Datasheet HTML 20Page - STMicroelectronics AN2521 Datasheet HTML 21Page - STMicroelectronics AN2521 Datasheet HTML 22Page - STMicroelectronics AN2521 Datasheet HTML 23Page - STMicroelectronics AN2521 Datasheet HTML 24Page - STMicroelectronics AN2521 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN2521
EVAL6668-75W: thermal map
21/33
Figure 28.
Thermal map at 230 Vac-50 Hz - full load
Table 7.
Measured temperature table @115 Vac and 230 Vac - full load
Point
Component
Temperature @115 Vac
Temperature @230 Vac
A
D2
59.6 °C
52.9 °C
B
Q2
59.9 °C
54.0 °C
C
D4
101 °C
100 °C
D
Q5
75.8 °C
67.2 °C
E
T1 - WINDING
76.1 °C
77.7 °C
F
T1 – CORE
74.9 °C
76.3 °C
G
D7
77.4 °C
75.7 °C
H
R1 (NTC)
100 °C
80.5 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com