Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 9Page - STMicroelectronics AN2521 Datasheet HTML 10Page - STMicroelectronics AN2521 Datasheet HTML 11Page - STMicroelectronics AN2521 Datasheet HTML 12Page - STMicroelectronics AN2521 Datasheet HTML 13Page - STMicroelectronics AN2521 Datasheet HTML 14Page - STMicroelectronics AN2521 Datasheet HTML 15Page - STMicroelectronics AN2521 Datasheet HTML 16Page - STMicroelectronics AN2521 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN2521
Functional check
13/33
3
Functional check
3.1
Normal operation
Figure 15 and Figure 16 display some waveforms of the flyback stage during steady-state
operation of the circuit at full load and nominal input voltage ranges. Under full load
conditions the L6668 switching frequency has been set to 65 kHz in order to achieve good
efficiency and to limit the switching noise.
It's possible to note that the CH3 relevant to the output voltage of the PFC circuit shows the
tracking boost function setting at a different PFC output voltage (247 / 348 volts), which is
dependent on the mains input voltage as mentioned on the previous page.
In Figure 17 the drain voltage waveforms and the measurement of the peak voltage at full
load and maximum mains input voltage are shown.
The maximum voltage peak in this condition is 676 V, which ensures reliable operation of the
power MOSFET with a good margin against the maximum BVDSS.
Figure 15.
EVAL6668-75W flyback stage
waveforms @115 V, 60 Hz-full load
Figure 16.
EVAL6668-75W flyback stage
waveforms @230 V, 50 Hz-full load
CH1: input mains voltage
CH2: input mains current
CH3: PFC output voltage
CH1: input mains voltage
CH2: input mains current
CH3: PFC output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com