Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics AN2521 Datasheet HTML 10Page - STMicroelectronics AN2521 Datasheet HTML 11Page - STMicroelectronics AN2521 Datasheet HTML 12Page - STMicroelectronics AN2521 Datasheet HTML 13Page - STMicroelectronics AN2521 Datasheet HTML 14Page - STMicroelectronics AN2521 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN2521
Test results
11/33
400 V input voltage. It can be observed that an improvement is achieved at 90 Vac and 230
Vac mains.
As a final measurement, the comparison between the global efficiency with and without
TBO is shown in Figure 8, confirming the previous measurements.
Figure 8.
Comparison between the global efficiency with and without TBO
2.2
Harmonic content measurement
One of the main purposes of a PFC pre-conditioner is to correct the input current distortion,
decreasing the harmonic contents below the limits of the relevant regulations. Therefore, the
board has been tested according to the European rule EN61000-3-2 Class-D and Japanese
rule JEIDA-MITI Class-D, at full load and 50% of output rated load, at both nominal input
mains voltages.
As demonstrated in the illustrations below, the circuit is capable of reducing the harmonics
well below the limits of both regulations from full load down to light load. Because the
maximum input power of the board is close to the limit of 75 W, to demonstrate the correct
behavior of the circuit it has been tested also a 37 W (half load). Of course, no current
regulation requires meeting any limit at these power levels.
80%
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
90
115
230
265
Vin [Vrms]
WITHOUT TBO
WITH TBO
Figure 9.
EVAL6668-75W compliance to
EN61000-3-2 standard @230 V, 50
Hz - full load
Figure 10.
EVAL6668-75W compliance to
JEIDA-MITI standard @100 V, 60 Hz
- full load
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 11 13 151719 212325 27 2931 333537 39
Harmonic Order [n]
Measured value
EN61000-3-2 Class-D limits
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 111315 1719212325 2729 313335 37 39
Harmonic Order [n]
Measured value
JEIDA-MITI Class-D limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com