Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 23Page - STMicroelectronics AN2521 Datasheet HTML 24Page - STMicroelectronics AN2521 Datasheet HTML 25Page - STMicroelectronics AN2521 Datasheet HTML 26Page - STMicroelectronics AN2521 Datasheet HTML 27Page - STMicroelectronics AN2521 Datasheet HTML 28Page - STMicroelectronics AN2521 Datasheet HTML 29Page - STMicroelectronics AN2521 Datasheet HTML 30Page - STMicroelectronics AN2521 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AN2521
Bill of material
27/33
R56
4k7 - 1%
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
R57
100R
SFR25 axial stand. film res. - 0.4 W - 5% - 250 ppm/°C
BC Components
R58
M57703 - 10 k
Ω
10 k thermistor - B57703M0103G040
EPCOS
R59
24 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R6
1M0 - 1%
SMD std film res. - 1/4 W - 1% - 100 ppm/°C
BC Components
R60
56 k
Ω
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R61
33 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R62
3k3
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R63
0R0
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R64
43 k
Ω - 1%
SFR25 axial stand. film res. - 0.4 W - 1% - 100 ppm/°C
BC Components
R65
22 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R66
3R9
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R67
6k2 - 1%
SMD std film res. - 1/4 W - 1% - 100 ppm/°C
BC Components
R68
120 k
Ω - 1%
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
R69
1k0
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R7
3M3
SMD std film res. - 1/4 W - 1% - 100 ppm/°C
BC Components
R71
Res.
Not used
R72
0R0
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R73
62 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R8
75 k
Ω - 1%
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
R9
75 k
Ω - 1%
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
T1
SRW32EC-T01H114
Power transformer
TDK
U1
L6563
Transition mode PFC controller
STMicroelectronics
U2
L6668
Smart primary controller
STMicroelectronics
U3
SFH617A-4
Optocoupler
Infineon
U4
res.
Not used
U5
TSM1014
Low consumption CC/CV controller
STMicroelectronics
HS1
Heat sink for D2&Q2
HS2
Heat sink for Q5
HS3
Heat sink for D7
Table 8.
EVAL6668-75W evaluation board: bill of material (continued)
Des.
Part type/part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com