Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 13Page - STMicroelectronics AN2521 Datasheet HTML 14Page - STMicroelectronics AN2521 Datasheet HTML 15Page - STMicroelectronics AN2521 Datasheet HTML 16Page - STMicroelectronics AN2521 Datasheet HTML 17Page - STMicroelectronics AN2521 Datasheet HTML 18Page - STMicroelectronics AN2521 Datasheet HTML 19Page - STMicroelectronics AN2521 Datasheet HTML 20Page - STMicroelectronics AN2521 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN2521
Functional check
17/33
controls the voltage at the COMP pin of the L6668, thus regulating the output current. In
case of a dead short, the current cannot be limited effectively by U5 because it will be
unpowered. Therefore, additional, efficient protection circuitry on the primary side will be
needed. In this board the voltage at the ISEN pin of the L6668 is sensed and if it exceeds
the VISENdis threshold the controller is forced to work in hiccup mode. In this way the
controller stops operation and will remain in the OFF state until the voltage across the VCC
pin decreases to a level below the UVLO threshold. It will then attempt to restart, but without
success if the secondary short has not been removed. This provides a low frequency hiccup
working mode, limiting the current flowing on the secondary side and thus preventing the
power supply from overheating and failing.
Figure 22 shows the circuit behavior during short circuit. Observe that the L6668 stops
switching, the VCC voltage drops until it reaches the UVLO threshold. Then the IC
decreases its consumption, thus increasing the duration of the OFF time, and avoiding high
dissipation on the secondary side under short conditions. The soft start capacitor will also
be discharged. At this point, the HV start-up pin recharges the VCC capacitor and, as soon
the turn-on threshold is reached, the circuit attempts to restart but it will cease operation
within a few milliseconds, repeating the sequence just described. The restart attempt will be
repeated indefinitely until the short is removed.
Figure 23, instead, shows the sequence of operation in short circuit when the short is
removed. As the figure illustrates, a new start-up sequence takes place and the circuit
resumes normal operation after a soft-start cycle.
Thanks to the TSM1014 and the HV current source of the L6668, the fault protection
sequences described in Figure 22 and Figure 23 do not change significantly for any other
input voltage, above all not in the input voltage range of the board.
The protection described previously works correctly even in cases where the output short is
applied during standby or no load operations. The L6668 protects the circuit via the
sequences that has been described for the full load operation, and the circuit resumes
Figure 22.
EVAL6668-75 W short circuit at full
load & 230 Vac-50 Hz
Figure 23.
EVAL6668-75 W short circuit
removal at full load & 230 Vac-50 Hz
CH1: Q2 drain voltage
CH2: SOFT START voltage - pin #11
CH3: output voltage
CH4: VCC
CH1: Q2 drain voltage
CH2: SOFT START voltage - pin #11
CH3: output voltage
CH4: VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com