Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2521 Datasheet HTML 1Page - STMicroelectronics AN2521 Datasheet HTML 2Page - STMicroelectronics AN2521 Datasheet HTML 3Page - STMicroelectronics AN2521 Datasheet HTML 4Page - STMicroelectronics AN2521 Datasheet HTML 5Page - STMicroelectronics AN2521 Datasheet HTML 6Page - STMicroelectronics AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Main characteristics and circuit description
AN2521
4/33
1
Main characteristics and circuit description
The main characteristics of the SMPS are listed here below:
●
Universal input mains range: 90 - 264 Vac, 45
−65 Hz
●
Output voltages: 19 V @ 4 A continuous operation
●
Mains harmonics: in accordance with EN61000-3-2 class-D
●
Standby mains consumption: less than 0.3 W @ 265 Vac
●
Overall efficiency: greater than 85%
●
EMI: in accordance with EN55022-class B
●
Safety: in accordance with EN60950
●
PCB single layer: single side, 70 µm, CEM-1, 78 x 174 mm, mixed PTH/SMT
The circuit is made up of two stages: a front-end PFC using the L6563 and a flyback
converter based on the L6668. The electrical schematic is shown in Figure 2.
The flyback stage works as the master stage and therefore is dedicated to controlling circuit
operation, including standby and protection functions. Additionally, it switches the PFC stage
on and off the by means of a dedicated pin on the control IC, thus helping to achieve good
efficiency even at light load. The input EMI filter is a classic Pi-filter, 1-cell for differential and
common mode noise. An NTC in series with the PFC output capacitor limits the inrush
current produced by the charging of the capacitor at plug-in.
The purpose of the PFC stage is to reduce the harmonic content of the input current to be
within the limits imposed by European norm EN61000-3-2. Additionally, it provides a
regulated dc bus used by the downstream converter.
The PFC controller is the L6563 (U1), working in transition mode. It integrates all functions
needed to control the PFC as well as an interface to the master converter. Its power stage
topology is a conventional boost converter, connected to the output of the rectifier bridge. It
includes the coil L2, the diode D3, the capacitor C6 and the power switch Q2, a power
MOSFET.
The secondary winding of L2 (pins 8-3) provides the L6563 with information about the core
demagnetization of the PFC coil, needed by the controller for TM (transition mode)
operation. The divider R7, R12 and R18 provides the L6563 with the instantaneous input
voltage information that is used to modulate the boost current, and to derive additional
information such as the average value of the ac line, which is used by the VFF (voltage feed-
forward) function. The divider R2, R6, R8, R9 is dedicated to sensing the output voltage and
feeds the information to the error amplifier, while the divider R3, R5, R11, R19, directly
connected to the output voltage, is dedicated to protecting the circuit in case of voltage loop
failure. To maximize overall efficiency, the PFC makes use of the so-called "tracking boost
option" (TBO). With this function implemented the dc output voltage of the PFC changes
proportionally with the mains voltage. The L6563 achieves this functionality by adding a
resistor (R30) connected to the dedicated TBO pin (#6).
The PFC is switched on and off by a switch (Q1) on the VCC pin of the L6563, which is
activated by the PFC-STOP pin of the L6668. The PFC-STOP pin is intended to stop the
PFC controller at light load by cutting its supply. This happens when the COMP pin on the
L6668 controller goes below 2.2V.
The downstream converter, acting as the master stage, is managed by the L6668 IC (U2), a
current mode controller. The 65 kHz nominal switching frequency has been chosen to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com