Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 15Page - STMicroelectronics AN2521 Datasheet HTML 16Page - STMicroelectronics AN2521 Datasheet HTML 17Page - STMicroelectronics AN2521 Datasheet HTML 18Page - STMicroelectronics AN2521 Datasheet HTML 19Page - STMicroelectronics AN2521 Datasheet HTML 20Page - STMicroelectronics AN2521 Datasheet HTML 21Page - STMicroelectronics AN2521 Datasheet HTML 22Page - STMicroelectronics AN2521 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN2521
Functional check
19/33
exceeds a preset value, usually larger than the maximum Vo that can be expected, including
also overshoots due to worst-case load/line transients.
In this case, VO = 400 V, Vox = 460 V. Select: R3 + R5 + R11 = 6.6 M
Ω. Three resistors in
series have been chosen according to their voltage rating.
Thus: R19 = 6.6 M
Ω · 2.5 / (460-2.5) = 36 kΩ.
When this function is triggered, the gate drive activity is immediately stopped, the device is
shut down, its quiescent consumption is reduced below 250 µA and the condition is latched
as long as the supply voltage of the IC is above the UVLO threshold. At the same time the
pin PWM_LATCH (pin #8) is asserted high. The PWM_LATCH is an open source output
capable of delivering 3.7 V minimum with a 0.5 mA load, intended for tripping a latched
shutdown function of the PWM controller IC in the cascaded dc-dc converter, so that the
entire unit is latched off. To restart the system it is necessary to recycle the input power, so
that the VCC voltages of both the L6563 and the PWM controller go below their respective
UVLO thresholds.
The PFC_OK pin doubles its function as a not-latched IC disable: a voltage below 0.2 V will
shut down the IC, reducing its consumption below 1 mA. In this case both PWM_STOP and
PWM_LATCH keep their high impedance status. To restart the IC simply let the voltage at
the pin go above 0.26 V.
Note that this function offers complete protection against not only feedback loop failures or
erroneous settings, but also against a failure of the protection itself. If a resistor in the
PFC_OK divider fails short or open, or the PFC_OK (#7) pin is floating, it will result in the
shutting down of the L6563 and stopping of controller operation of the flyback stage.
Figure 26.
EVAL6668-75W Open loop at 115 Vac-60 Hz - full load
An open loop event is captured in Figure 26. Note the protection intervention stopping the
operation of the L6563 and the activation of the PWM_LATCH pin that is connected to the
L6668 pin #7 (DIS). This function of the L6668 is a latched device shutdown. Internally the
pin connects a comparator which shuts the IC down and brings its consumption to a value
just higher than before start-up, when the voltage on the pin exceeds 2.2 V. The information
is latched and it is necessary to recycle the input power to restart the IC. The latch is
removed as the voltage on the VCC pin goes below the UVLO threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com