Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 24Page - STMicroelectronics AN2521 Datasheet HTML 25Page - STMicroelectronics AN2521 Datasheet HTML 26Page - STMicroelectronics AN2521 Datasheet HTML 27Page - STMicroelectronics AN2521 Datasheet HTML 28Page - STMicroelectronics AN2521 Datasheet HTML 29Page - STMicroelectronics AN2521 Datasheet HTML 30Page - STMicroelectronics AN2521 Datasheet HTML 31Page - STMicroelectronics AN2521 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
PFC coil specification
AN2521
28/33
7
PFC coil specification
7.1
General description and characteristics
Application type: consumer, home appliance
Inductor type: open
Coil former: vertical type, 5+3 pins
Max. temp. rise: 45 °C
Max. operating ambient temp.: 60 °C
Mains insulation: N.A.
Unit finishing: varnished
7.2
Electrical characteristics
Converter topology: boost, transition mode
Core type: CQ25 - PC47
Minimum operating frequency: 20 kHz
Typical operating frequency: 400 µH ±10% @1 kHz - 0.25 V (see Note: 1)
Peak primary current: 3.5 Apk
RMS primary current: 1.2 Arms
Note:
1
Measured between pins #5 and #6
7.3
Electrical schematic and winding characteristics
Figure 31.
Electrical diagram
Table 9.
Winding characteristics
PINS
Winding
RMS current
Number of
turns
Wire
type
8 - 3
AUX (1)
1.
Aux winding is wound on coil former before primary winding. To be insulate with a layer of polyester tape.
0.05 ARMS
5 spaced
Ø 0.28 mm
5 - 6
Primary (2)
2.
Primary winding external insulation: 2 layers of polyester tape
1.2 ARMS
50
Multi stranded #10 x Ø 0.20 mm
5
6
PRIM.
AUX
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com