Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2521 Datasheet HTML 1Page - STMicroelectronics AN2521 Datasheet HTML 2Page - STMicroelectronics AN2521 Datasheet HTML 3Page - STMicroelectronics AN2521 Datasheet HTML 4Page - STMicroelectronics AN2521 Datasheet HTML 5Page - STMicroelectronics AN2521 Datasheet HTML 6Page - STMicroelectronics AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AN2521
List of figures
3/33
List of figures
Figure 1.
L6668 and L6563-75W adapter evaluation board (EVAL6668-75W) . . . . . . . . . . . . . . . . . . 1
Figure 2.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
EVAL6668-75W global efficiency measurements at full load . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
L6563 tracking boost and voltage feed-forward blocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 5.
EVAL6668-75W PFC output voltage vs. ac input voltage . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
PFC efficiency with and without TBO function at full load . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Flyback converter efficiency with and without TBO function at full load . . . . . . . . . . . . . . . 10
Figure 8.
Comparison between the global efficiency with and without TBO . . . . . . . . . . . . . . . . . . . 11
Figure 9.
EVAL6668-75W compliance to EN61000-3-2 standard @230 V, 50 Hz - full load . . . . . . 11
Figure 10.
EVAL6668-75W compliance to JEIDA-MITI standard @100 V, 60 Hz - full load . . . . . . . . 11
Figure 11.
EVAL6668-75W compliance to EN61000-3-2 standard @230 V, 50 Hz - half load . . . . . 12
Figure 12.
EVAL6668-75W compliance to JEIDA- MITI standard @100 V, 60 Hz - half load . . . . . . . 12
Figure 13.
EVAL6668-75W input current waveform @100 V, 60 Hz - full load . . . . . . . . . . . . . . . . . . 12
Figure 14.
EVAL6668-75W input current waveform @230 V, 50 Hz - full load . . . . . . . . . . . . . . . . . . 12
Figure 15.
EVAL6668-75W flyback stage waveforms @115 V, 60 Hz-full load. . . . . . . . . . . . . . . . . . 13
Figure 16.
EVAL6668-75W flyback stage waveforms @230 V, 50 Hz-full load. . . . . . . . . . . . . . . . . . 13
Figure 17.
Adapter circuit primary side waveforms 265 V, 50 Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 18.
EVAL6668-75 W no-load operation waveforms @90 V, 60 Hz . . . . . . . . . . . . . . . . . . . . . 14
Figure 19.
EVAL6668-75 W no-load operation waveforms @265 V, 50 Hz . . . . . . . . . . . . . . . . . . . . 14
Figure 20.
EVAL6668-75 W transition full load-to-no load at 265 V, 50 Hz . . . . . . . . . . . . . . . . . . . . . 15
Figure 21.
EVAL6668-75 W transition no load-to-full load at 265 V, 50 Hz . . . . . . . . . . . . . . . . . . . . . 15
Figure 22.
EVAL6668-75 W short circuit at full load & 230 Vac-50 Hz . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 23.
EVAL6668-75 W short circuit removal at full load & 230 Vac-50 Hz . . . . . . . . . . . . . . . . . 17
Figure 24.
EVAL6668-75 W short circuit at no-load & 230 Vac-50 Hz . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 25.
EVAL6668-75 W short circuit removal at no-load & 230 Vac-50 Hz. . . . . . . . . . . . . . . . . . 18
Figure 26.
EVAL6668-75W Open loop at 115 Vac-60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 27.
Thermal map at 115 Vac-60 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 28.
Thermal map at 230 Vac-50 Hz - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 29.
CE peak measure at 100 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 30.
CE peak measure at 230 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 31.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 32.
Mechanical aspect and pin numbering of PFC coil. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 33.
Electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 34.
Winding position on coil former. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 35.
Mechanical aspect and pin numbering of flyback transformer . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com