Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics AN2521 Datasheet HTML 10Page - STMicroelectronics AN2521 Datasheet HTML 11Page - STMicroelectronics AN2521 Datasheet HTML 12Page - STMicroelectronics AN2521 Datasheet HTML 13Page - STMicroelectronics AN2521 Datasheet HTML 14Page - STMicroelectronics AN2521 Datasheet HTML 15Page - STMicroelectronics AN2521 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Test results
AN2521
12/33
On the bottom side of each diagram the total harmonic distortion and power factor have
been measured as well. The values in all conditions give a clear idea of the correct
functioning of the PFC even if the tracking boost option has been implemented.
For user reference, input current and voltage waveforms at the nominal input mains voltages
and full load are shown below.
Figure 11.
EVAL6668-75W compliance to
EN61000-3-2 standard @230 V, 50
Hz - half load
Figure 12.
EVAL6668-75W compliance to
JEIDA- MITI standard @100 V, 60 Hz
- half load
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 11 13 151719 212325 27 2931 333537 39
Harmonic Order [n]
Measured value
EN61000-3-2 Class-D limits
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 1113151719 21232527293133 353739
Harmonic Order [n]
Measured value
JEIDA-MITI Class-D limits
Figure 13.
EVAL6668-75W input current
waveform @100 V, 60 Hz - full load
Figure 14.
EVAL6668-75W input current
waveform @230 V, 50 Hz - full load
CH1: input mains voltage
CH2: input mains current
CH1: input mains voltage
CH2: input mains current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com