Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2521 Datasheet HTML 1Page - STMicroelectronics AN2521 Datasheet HTML 2Page - STMicroelectronics AN2521 Datasheet HTML 3Page - STMicroelectronics AN2521 Datasheet HTML 4Page - STMicroelectronics AN2521 Datasheet HTML 5Page - STMicroelectronics AN2521 Datasheet HTML 6Page - STMicroelectronics AN2521 Datasheet HTML 7Page - STMicroelectronics AN2521 Datasheet HTML 8Page - STMicroelectronics AN2521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AN2521
Main characteristics and circuit description
5/33
achieve a compromise between the transformer size and the harmonics of the switching
frequency, thereby optimizing the input filter size and the total solution cost. The power
MOSFET is a standard, inexpensive 800 V component housed in a TO-220FP package,
requiring a small heat sink. The transformer is the layer type, using the standard ferrite core
EER35. The transformer is manufactured by TDK and designed in accordance with
EN60950. The reflected voltage is ~130 V, providing sufficient room for the leakage
inductance voltage spike while maintaining a margin for the reliability of the power MOSFET.
The rectifier D8 and the Transil D4 clamp the peak of the leakage inductance voltage spike
at turn-off of the power MOSFET.
The controller L6668 offers maximum flexibility by integrating all the functionality needed for
high performance SMPS control with a minimum component count. A new feature
embedded in the device is a high voltage current source used at start-up which draws
current directly from the dc bus and charges capacitor C33. After the voltage on C33 has
reached the L6668 turn-on threshold and the circuit starts to operate, the controller is
powered by the transformer via the auxiliary winding and diode D11. After start-up, the HV
current source is deactivated, saving power during normal operation and allowing very good
circuit efficiency during standby.
The L6668 utilizes a Current Mode control system, so the current flowing through the
primary winding is sensed by R52 and R53 and is then fed into pin #12 (ISEN). Resistor
R41 connected between pin #12 (ISEN) and pin #15 (S_COMP) provides the correct slope
compensation to the current signal, necessary for correct loop stability in CCM mode at duty
cycles greater than 50%. The circuit connected to pin #7 (DIS) provides over-voltage
protection in case of feedback network failure, while the thermistor R58 provides for a
thermal protection of the power MOSFET (Q5). This pin is also connected to the
PWM_LATCH pin of the L6563 which is dedicated to stopping activity of the flyback
converter in case of PFC loop failure that could be damaging to the circuit. To definitively
latch this state, the internal circuitry of the L6668 monitors the VCC and periodically
reactivates the HV current source to supply the IC. After OVP detection and L6668 Disable
intervention, circuit operation can be resumed only after disconnection of the mains plug.
The switching frequency is programmed by the RC connected to pin #16 (RCT) and in case
of reduced load operation the controller can decrease the operating frequency via pin #13
(STBY) and resistor R42, proportionate with the load consumption. The resistor divider R60
and R61 connected to pin #9 (SKIPADJ) allows setting of the initial L6668 threshold to Burst
Mode functionality when the power supply is lightly loaded. Additional functions embedded
in the L6668 are the programmable soft-start and a 5 V reference, available externally.
Circuit regulation is achieved by modulating the voltage on the COMP pin (#10), by means
of the optocoupler U3. Also connected to the COMP pin is the Q6, Q8, R44, R62, C42 and
D13 network, which is dedicated to driving ISEN over its hiccup mode threshold in case of
overload or short condition. In this case the device will be shut down and its consumption
will decrease almost to pre-start-up level. The device will resume operation as soon as the
VCC voltage has dropped below the VCC restart level. Thus a reliable hiccup mode is
invoked until the short is removed. A short on-time and long off-time of the hiccup mode are
obtained allowing the average current flowing in the secondary side components to be kept
at a safe level, avoiding consequent catastrophic failures due to their overheating.
Output regulation is done by means of two loops, a voltage and a current loop working
alternately. A dedicated control IC, the TSM1014, has been used. It integrates two
operational amplifiers and a precise voltage reference. The output signal of the error
amplifiers drives optocoupler SFH617A-4 to transfer the information to the primary side and
achieve the required insulation of the secondary side. The output rectifier D7 is a dual
common-cathode Schottky diode. The output rectifier has been selected according to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com