Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 22Page - STMicroelectronics AN2521 Datasheet HTML 23Page - STMicroelectronics AN2521 Datasheet HTML 24Page - STMicroelectronics AN2521 Datasheet HTML 25Page - STMicroelectronics AN2521 Datasheet HTML 26Page - STMicroelectronics AN2521 Datasheet HTML 27Page - STMicroelectronics AN2521 Datasheet HTML 28Page - STMicroelectronics AN2521 Datasheet HTML 29Page - STMicroelectronics AN2521 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Bill of material
AN2521
26/33
R24
100 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R25
470R
SFR25 axial stand. film res. - 0.4 W - 5% - 250 ppm/°C
BC Components
R26
120 k
Ω
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R27
0R33
SFR25 axial stand. film res. - 0.4 W - 5% - 250 ppm/°C
BC Components
R28
2k2
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R29
Res.
Not used
R3
2M2 - 1%
SMD std film res. - 1/4 W - 1% - 100 ppm/°C
BC Components
R30
22 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R31
4k7
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R32
Res.
Not used
R33
10 k
Ω
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R34
270 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R35
2R7
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R36
1k8
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R37
10 k
Ω - 1%
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
R38
Res.
Not used
R39
56 k
Ω - 1%
SMD std film res. - 1/4 W - 1% - 100 ppm/°C
BC Components
R4
68 k
Ω
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R40
Res.
Not used
R41
10 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R42
8k2
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R43
4R7
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R44
47 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R45
2k2
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R46
47R
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R47
100 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R48
4k7 - 1%
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
R49
24 k
Ω - 1%
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
R5
2M2 - 1%
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R50
1k0
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R51
2k2
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R52
0R39
SFR25 AXIAL std film res. - 0.4 W - 5% - 250 ppm/°C
BC Components
R53
0R39
SFR25 axial stand. film res. - 0.4 W - 5% - 250 ppm/°C
BC Components
R54
47 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R55
22R
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
Table 8.
EVAL6668-75W evaluation board: bill of material (continued)
Des.
Part type/part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com