Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 14Page - STMicroelectronics AN2521 Datasheet HTML 15Page - STMicroelectronics AN2521 Datasheet HTML 16Page - STMicroelectronics AN2521 Datasheet HTML 17Page - STMicroelectronics AN2521 Datasheet HTML 18Page - STMicroelectronics AN2521 Datasheet HTML 19Page - STMicroelectronics AN2521 Datasheet HTML 20Page - STMicroelectronics AN2521 Datasheet HTML 21Page - STMicroelectronics AN2521 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Functional check
AN2521
18/33
correct operation when the short is removed. In Figure 24 and Figure 25 both sequences
are captured during 230 Vac operation but they do not change significantly over the input
mains range.
3.4
Overvoltage and open loop protection
The EVAL6668-75W board implements two different open loop protections: one for the PFC
and another for the flyback stage.
The PFC controller L6563 is equipped with an OVP, monitoring the current flowing through
the compensation network and entering the error amplifier (pin COMP, #2). When this
current reaches about 18 µA the output voltage of the multiplier is forced to decrease, thus
reducing the energy drawn from the mains. If the current exceeds 20 µA, the OVP is
triggered (dynamic OVP), and the external power transistor is switched off until the current
falls below approximately 5 µA. However, if the overvoltage persists (e.g. if the load is
completely disconnected), the error amplifier will eventually saturate low, triggering an
internal comparator (static OVP) which will keep the external power switch turned off until
the output voltage returns to a point near the regulated value.
The OVP function described above is capable of handling "normal" overvoltage conditions,
i.e. those resulting from an abrupt load/line change or occurring at start-up. It cannot handle
the overvoltage generated, for instance, when the upper resistor of the output divider fails
open. The voltage loop can no longer read the information on the output voltage and will
force the PFC pre-regulator to work at maximum ON time, causing the output voltage to rise
uncontrollably.
A pin on the L6563 (PFC_OK, #7) has been provided for additional monitoring of the output
voltage with a separate resistor divider (R3, R5, R11 high, R19 low, see Figure 1.and 2).
This divider is selected so that the voltage at the pin reaches 2.5 V if the output voltage
Figure 24.
EVAL6668-75 W short circuit at no-
load & 230 Vac-50 Hz
Figure 25.
EVAL6668-75 W short circuit
removal at no-load & 230 Vac-50 Hz
CH1: Q2 drain voltage
CH2: SOFT START voltage - pin #11
CH3: output voltage
CH4: VCC
CH1: Q2 drain voltage
CH2: SOFT START voltage - pin #11
CH3: output voltage
CH4: VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com