Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 20Page - STMicroelectronics AN2521 Datasheet HTML 21Page - STMicroelectronics AN2521 Datasheet HTML 22Page - STMicroelectronics AN2521 Datasheet HTML 23Page - STMicroelectronics AN2521 Datasheet HTML 24Page - STMicroelectronics AN2521 Datasheet HTML 25Page - STMicroelectronics AN2521 Datasheet HTML 26Page - STMicroelectronics AN2521 Datasheet HTML 27Page - STMicroelectronics AN2521 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Bill of material
AN2521
24/33
C39
4N7
50 V CERCAP - general purpose
AVX
C4
470N-X2
X2 film capacitor - R46-I 3470--M1-
Arcotronics
C40
100N
50 V CERCAP - general purpose
AVX
C41
10N
50 V CERCAP - general purpose
AVX
C42
10 µF-63 V
Aluminium ELCAP - SR series - 85 °C
Rubycon
C43
2N2
50 V CERCAP - general purpose
AVX
C44
100N
50 V CERCAP - general purpose
AVX
C5
470N-400 V
B32653A4474J - polyprop. film cap
EPCOS
C6
100 µF-450 V
Aluminium ELCAP - LLS Series - 85 °C
NICHICON
C7
2N2 - Y1 -
DE1E3KX222M
Y1 safety cap.
Murata
C8
1N0-200 V
200 V CERCAP - general purpose
AVX
C9
100N
50 V CERCAP - general purpose
AVX
D1
1N4005
General purpose rectifier
Vishay
D10
LL4148
Fast switching diode
Vishay
D11
BAV103
Fast switching diode
Vishay
D12
LL4148
Fast switching diode
Vishay
D13
LL4148
Fast switching diode
Vishay
D14
LL4148
Fast switching diode
Vishay
D15
Res.
Not used
D2
GBU4J
Single phase bridge rectifier
Vishay
D3
STTH2L06
Ultrafast high voltage rectifier
STMicroelectronics
D4
1.5KE250A
TRANSIL
STMicroelectronics
D5
BZV55-B30
ZENER diode
Vishay
D6
Res.
Not used
D7
STPS20H100CFP
High voltage power Schottky rectifier
STMicroelectronics
D8
STTH108A
High voltage ultrafast rectifier
STMicroelectronics
D9
BZV55-C8V2
ZENER diode
Vishay
F1
FUSE 4 A
Fuse T4A - time delay
Wichmann
J1
MKDS 1,5/ 3-5,08
PCB term. block, screw conn., pitch 5MM - 3 W.
Phoenix Contact
J2
MKDS 1,5/ 2-5,08
PCB term. block, screw conn., pitch 5mm - 2 W.
Phoenix Contact
JP5
Jumper
Tinned copper wire jumper
JP7
Res.
Tinned copper wire jumper - not used
JP10
Jumper
Tinned copper wire jumper
JP11
Jumper
Tinned copper wire jumper
Table 8.
EVAL6668-75W evaluation board: bill of material (continued)
Des.
Part type/part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com