Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 21Page - STMicroelectronics AN2521 Datasheet HTML 22Page - STMicroelectronics AN2521 Datasheet HTML 23Page - STMicroelectronics AN2521 Datasheet HTML 24Page - STMicroelectronics AN2521 Datasheet HTML 25Page - STMicroelectronics AN2521 Datasheet HTML 26Page - STMicroelectronics AN2521 Datasheet HTML 27Page - STMicroelectronics AN2521 Datasheet HTML 28Page - STMicroelectronics AN2521 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AN2521
Bill of material
25/33
JP12
Jumper
Tinned copper wire jumper
JP13
Jumper
Tinned copper wire jumper
JP14
Jumper
Tinned copper wire jumper
L1
HF2826-253Y1R2-T01
25 MH-1.2 A input EMI filter
TDK
L2
SRW25CQ-T03H112
400 µH PFC inductor
TDK
L3
TSL0706 - 1R5-4R3
1 µ5 - radial inductor
TDK
Q1
BC857C
PNP small signal BJT
ZETEX
Q2
STP9NK50ZFP
N-channel power MOSFET
STMicroelectronics
Q3
Res.
Not used
Q4
Res.
Not used
Q5
STP10NK80ZFP
N-channel power MOSFET
STMicroelectronics
Q6
BC857C
PNP small signal BJT
ZETEX
Q7
Res.
not used
Q8
BC847C
NPN small signal BJT
ZETEX
R1
NTC 10R-S236
NTC resistor 10R - P/N B57236S0100M000
EPCOS
R10
Res.
Not used
R11
2M2 - 1%
SMD std film res. - 1/4 W - 1% - 100 ppm/°C
BC Components
R12
3M3
SMD std film res. - 1/4 W - 1% - 100 ppm/°C
BC Components
R13
Res.
Not used
R14
3R9
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R15
Res.
Not used
R16
10 k
Ω
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
R17
62 k
Ω
SMD std film res. - 1/8 W - 5% - 250 ppm/°C
BC Components
R18
51 k
Ω
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R19
36 k
Ω
SMD std film res. - 1/8 W - 1% - 100 ppm/°C
BC Components
R101
0R0
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R102
0R0
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R103
0R0
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R104
0R0
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R105
0R0
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R2
1M0-1%
SMD std film res. - 1/4 W - 1% - 100 ppm/°C
BC Components
R20
20 k
Ω
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
R21
Res.
Not used
R22
R015 - 1 W
SMD film res. 1 W - 2512 MSR1
MEGGIT
R23
27R
SMD std film res. - 1/4 W - 5% - 250 ppm/°C
BC Components
Table 8.
EVAL6668-75W evaluation board: bill of material (continued)
Des.
Part type/part value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com