Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2521 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2521
Description  19 V - 75 W laptop adapter with tracking boost PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2521 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2521 Datasheet HTML 12Page - STMicroelectronics AN2521 Datasheet HTML 13Page - STMicroelectronics AN2521 Datasheet HTML 14Page - STMicroelectronics AN2521 Datasheet HTML 15Page - STMicroelectronics AN2521 Datasheet HTML 16Page - STMicroelectronics AN2521 Datasheet HTML 17Page - STMicroelectronics AN2521 Datasheet HTML 18Page - STMicroelectronics AN2521 Datasheet HTML 19Page - STMicroelectronics AN2521 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Functional check
AN2521
16/33
voltage to the flyback converter as a result of the PFC turning on or off. As the figures show,
both transitions are clean and there is no output voltage, VCC dip or restarting attempt that
could affect proper power supply operation.
The input power consumption of the board has also been checked at light load conditions,
simulating an adapter powering a laptop PC during power-saving operation. The results are
shown in Table 4, 5 and 6 below, where the low load efficiency with standard inputs of 115 V
and 230 V is calculated.
As visible in Table 4, 5 and 6, the input power consumption is always very low and the
efficiency remains significantly high even at output power levels where the power supply
efficiency normally drops. This is achieved thanks to the burst mode adjustable threshold of
the L6668 SKIPADJ pin and the PFC management by the PFC_STOP pin, as previously
described.
3.3
Over current and short circuit protection
An important function of any power supply is its ability to survive instances of output
overload or short circuit, avoiding any consequent failure. Additionally, the power supply
must be compliant with safety rules which require that the components will not melt or burn-
out in fault conditions. It’s common to find circuits with good protection capability against
load shorts but which do not survive dead shorts such as those of an output electrolytic
capacitor or a secondary rectifier, or in cases of transformer saturation. Moreover, in cases
of a shorted rectifier the equivalent circuit changes and the energy are delivered even during
the ON time, as in forward mode. In this evaluation board the over-current is managed by
U5, a CC/CV controller. Inside the IC there is a reference and two Or-end operational
amplifiers, one dedicated to act as the error amplifier of the voltage loop and the other
dedicated to act as the error amplifier of the current loop. If the output current exceeds the
programmed value, the current loop error amplifier takes over and, via the optocoupler,
Table 4.
Light load efficiency (0.5 W)
Vinac [Vrms]
Pout [W]
Pin [W]
Efficiency
115
0.52
0.75 (1)
1.
Compliant to US Executive order 13221 “1W _Standby“
68.67%
230
0.52
0.88 (1)
58.52%
Table 5.
Light load efficiency (1.2 W)
Vinac [Vrms]
Pout [W]
Pin [W]
Efficiency
115
1.2
1.55
77.86%
230
1.2
1.71
70.35%
Table 6.
Light load efficiency (2.4 W)
Vinac [Vrms]
Pout [W]
Pin [W]
Efficiency
115
2.41
2.93
82.14%
230
2.4
3.14
76.56%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com